Electronic Components Datasheet Search
  English  ▼

X  

EVAL6920D Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL6920D
Description  EVAL6920D 1A high efficiency synchronous Rectifier step up converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6920D Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL6920D Datasheet HTML 1Page - STMicroelectronics EVAL6920D Datasheet HTML 2Page - STMicroelectronics EVAL6920D Datasheet HTML 3Page - STMicroelectronics EVAL6920D Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2006
Rev 1
1/4
4
EVAL6920D
EVAL6920D 1A high efficiency synchronous
Rectifier step up converter
General description
The EVAL6920D Evaluation Board integrates the
high efficiency step up converter L6920D as well
as the external components required for a typical
application.
The start up is guaranteed at 1V and the device is
operating down to 0.6V. The output voltage can
be adjusted from 2V to 5.2V and two fixed output
voltages (3.3V and 5V) are also available.
www.st.com
Evaluation board schematic


Similar Part No. - EVAL6920D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6924D STMICROELECTRONICS-EVAL6924D Datasheet
114Kb / 4P
EVAL6924D Battery charger system with integrated Power Switch for Li-ION/Li-POLYMER
21-Nov-2006
More results

Similar Description - EVAL6920D

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Monolithic Power System...
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
MP2317 MPS-MP2317 Datasheet
492Kb / 16P
26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
logo
Linear Technology
LTC3122EDE LINER-LTC3122EDE Datasheet
122Kb / 6P
High Efficiency 15V 2.5A Synchronous Step-Up Converter
LTC3121EDE LINER-LTC3121EDE Datasheet
222Kb / 6P
High Efficiency 15V 1.5A Synchronous Step-Up Converter
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com