Electronic Components Datasheet Search
  English  ▼

X  

STPS1H100A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1H100A
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1H100A Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1H100A Datasheet HTML 1Page - STMicroelectronics STPS1H100A Datasheet HTML 2Page - STMicroelectronics STPS1H100A Datasheet HTML 3Page - STMicroelectronics STPS1H100A Datasheet HTML 4Page - STMicroelectronics STPS1H100A Datasheet HTML 5Page - STMicroelectronics STPS1H100A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STPS1H100A/U
®
July 1999 - Ed: 3A
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
IF(AV)
1 A
VRRM
100 V
Tj (max)
175 °C
VF (max)
0.62 V
MAIN PRODUCT CHARACTERISTICS
NEGLIGIBLE SWITCHING LOSSES
HIGH JUNCTION TEMPERATURE CAPABILITY
LOW LEAKAGE CURRENT
GOOD TRADE OFF BETWEEN LEAKAGE
CURRENT AND FORWARD VOLTAGE DROP
AVALANCHE RATED
FEATURES AND BENEFITS
Schottky rectifier designed for high frequency
miniature Switched Mode Power Supplies such as
adaptators and on board DC/DC converters.
Packaged in SMA or SMB.
DESCRIPTION
SMB
(JEDEC DO-214AA)
STPS1H100U
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
TL = 160°C
δ = 0.5
1
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
50
A
IRRM
Repetitive peak reverse current
tp = 2
µ square F = 1kHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
1
A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
SMA
(JEDEC DO-214AC)
STPS1H100A
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/6


Similar Part No. - STPS1H100A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1H100A STMICROELECTRONICS-STPS1H100A Datasheet
71Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
August 2004 REV. 5
STPS1H100AY STMICROELECTRONICS-STPS1H100AY Datasheet
136Kb / 9P
Automotive high voltage power Schottky rectifier
03-Dec-2010
STPS1H100AY STMICROELECTRONICS-STPS1H100AY Datasheet
253Kb / 11P
Automotive high voltage power Schottky rectifier
10-Apr-2018
More results

Similar Description - STPS1H100A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com