Electronic Components Datasheet Search
  English  ▼

X  

A5970D Datasheet(PDF) 6 Page - STMicroelectronics

Part # A5970D
Description  Up to 1 A step down switching regulator for automotive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5970D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A5970D Datasheet HTML 2Page - STMicroelectronics A5970D Datasheet HTML 3Page - STMicroelectronics A5970D Datasheet HTML 4Page - STMicroelectronics A5970D Datasheet HTML 5Page - STMicroelectronics A5970D Datasheet HTML 6Page - STMicroelectronics A5970D Datasheet HTML 7Page - STMicroelectronics A5970D Datasheet HTML 8Page - STMicroelectronics A5970D Datasheet HTML 9Page - STMicroelectronics A5970D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
A5970D
6/11
gm
Transconductance
ICOMP = -0.1 mA to 0.1
mA; VCOMP = 1.9 V
2.3
mS
Synch function
High input voltage
VCC= 4.4 to 36 V;
2.5
VREF
V
Low input voltage
VCC= 4.4 to 36 V;
0.74
V
Slave synch current
Vsynch= 0.74 V
(2)
Vsynch= 2.33 V
0.11
0.21
0.25
0.45
mA
Master output
amplitude
Isource= 3 mA
2.75
3
V
Output pulse width
no load, Vsynch= 1.65 V
0.20
0.35
μs
Reference section
Reference voltage
IREF = 0 to 5 mA
VCC = 4.4 V to 36 V
3.2
3.3
3.399
V
Line regulation
IREF = 0mA
VCC = 4.4 V to 36 V
510
mV
Load regulation
IREF = 0 mA
8
15
mV
Short circuit current
5
18
35
mA
1.
With TJ = 85 °C, Ilim_min = 1.5 A, assured by design, characterization and statistical correlation.
2.
Guaranteed by design
Table 4.
Electrical characteristics (continued)
(TJ = -40 to 125 °C, VCC =12 V, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com