Electronic Components Datasheet Search
  English  ▼

X  

A5972D Datasheet(PDF) 1 Page - STMicroelectronics

Part # A5972D
Description  Up to 1.5 A step down switching regulator for automotive applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5972D Datasheet(HTML) 1 Page - STMicroelectronics

  A5972D Datasheet HTML 1Page - STMicroelectronics A5972D Datasheet HTML 2Page - STMicroelectronics A5972D Datasheet HTML 3Page - STMicroelectronics A5972D Datasheet HTML 4Page - STMicroelectronics A5972D Datasheet HTML 5Page - STMicroelectronics A5972D Datasheet HTML 6Page - STMicroelectronics A5972D Datasheet HTML 7Page - STMicroelectronics A5972D Datasheet HTML 8Page - STMicroelectronics A5972D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
August 2008
Rev 4
1/11
1
A5972D
Up to 1.5 A step down switching regulator
for automotive applications
Features
■ Qualified following the AEC-Q100
requirements (temperature grade 3), see PPAP
for more details.
■ 1.5 A DC output current
■ Operating input voltage from 4 V to 36 V
■ Output voltage adjustable from 1.235 V to 35 V
■ Low dropout operation: 100 % duty cycle
■ 250 kHz Internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting
■ Protection against feedback disconnection
■ Thermal shutdown
Applications
■ Automotive applications
Description
The A5972D is a step down monolithic power
switching regulator with a minimum switch current
limit of 1.8 A so it is able to deliver more than
1.5 A DC current to the load depending on the
application conditions.
The output voltage can be set from 1.235V to 35V.
The device uses an internal P-channel D-MOS
transistor (with a typical RDS(on) of 250 mΩ) as
switching element to minimize the size of the
external components.
An internal oscillator fixes the switching frequency
at 250 kHz.
Having a minimum input voltage of 4 V only, it is
particularly suitable for 5 V bus.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection.
SO-8
Figure 1.
Application schematic
OUT
FB
GND
CO M P
VCC
VIN =4.4V to 35V
A5972D
4.7K
Ω
C1
10uF
C2
100uF
C3
220pF
C4
22nF
R1
5.6K
R2
3.3K
R3
D1
STPS2L40U
33uH
VO U T=3.3V
OUT
FB
GND
CO M P
VCC
VIN =4.4V to 35V
A5972D
4.7K
Ω
C1
10uF
C2
100uF
C3
220pF
C4
22nF
R1
5.6K
R2
3.3K
R3
D1
STPS2L40U
33uH
VO U T=3.3V
www.st.com


Similar Part No. - A5972D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
2A switch step down switching regulator for automotive applications
05-Nov-2007
A5972D STMICROELECTRONICS-A5972D Datasheet
640Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5972D013TR STMICROELECTRONICS-A5972D013TR Datasheet
697Kb / 12P
2A switch step down switching regulator for automotive applications
05-Nov-2007
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
More results

Similar Description - A5972D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
Up to 2 A step down switching regulator for automotive applications
02-May-2008
A5970AD_0808 STMICROELECTRONICS-A5970AD_0808 Datasheet
730Kb / 17P
Up to 1 A switch step down switching regulator for automotive applications
27-Aug-2008
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
Up to 1 A step down switching regulator for automotive applications
27-Aug-2008
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
Up to 2 A step down switching regulator for automotive applications
29-Aug-2008
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
Up to 1 A step down switching regulator for automotive applications
03-Nov-2009
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
Up to 1.5 A step-down switching regulator for aerospace applications
01-Oct-2014
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
Up to 1.5 A step-down switching regulator for aerospace applications
10-Oct-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com