Electronic Components Datasheet Search
  English  ▼

X  

A5973D Datasheet(PDF) 1 Page - STMicroelectronics

Part # A5973D
Description  Up to 2 A step down switching regulator for automotive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973D Datasheet(HTML) 1 Page - STMicroelectronics

  A5973D Datasheet HTML 1Page - STMicroelectronics A5973D Datasheet HTML 2Page - STMicroelectronics A5973D Datasheet HTML 3Page - STMicroelectronics A5973D Datasheet HTML 4Page - STMicroelectronics A5973D Datasheet HTML 5Page - STMicroelectronics A5973D Datasheet HTML 6Page - STMicroelectronics A5973D Datasheet HTML 7Page - STMicroelectronics A5973D Datasheet HTML 8Page - STMicroelectronics A5973D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2008
Rev 5
1/11
1
A5973D
Up to 2 A step down switching regulator
for automotive applications
Features
■ Qualified following the AEC-Q100
requirements (temperature grade 3), see
PPAP for more details.
■ 2 A DC output current
■ Operating input voltage from 4 V to 36 V
■ 3.3 V / (±2 %) reference voltage
■ Output voltage adjustable from 1.235 V to 35 V
■ Low dropout operation: 100 % duty cycle
■ 250 kHz Internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting
■ Inhibit for zero current consumption
■ Synchronization
■ Protection against feedback disconnection
■ Thermal shutdown
Application
■ Dedicated to automotive applications
Description
The A5973D is a step down monolithic power
switching regulator with a minimum switch current
limit of 2.25 A so it is able to deliver more than 2 A
DC current to the load depending on the
application conditions. The output voltage can be
set from 1.235 V to 35 V. The high current level is
also achieved thanks to an HSOP8 package with
exposed frame, that allows to reduce the Rth(JA)
down to approximately 40°C/W. The device uses
an internal P-channel DMOS transistor (with a
typical RDS(on) of 250 mΩ) as switching element
to minimize the size of the external components.
An internal oscillator fixes the switching frequency
at 250 kHz. Having a minimum input voltage of
4 V only, it is particularly suitable for 5 V bus.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection. Pulse by pulse
current limit with the internal frequency
modulation offers an effective constant current
short circuit protection.
HSOP8 exposed pad
Figure 1.
Application schematic
OUT
FB
GND
COMP
VCC
VIN=4V to 35V
A5973D
C1
10uF
35V
CERAM IC
C2
330uF
6.3V
C3
220pF
C4
22nF
R1
5k6
R2
3k3
R3
4k7
D1
STPS340U
L1 15uH
Vout=3.3V
1
2
3
4
5
6
7
8
INH
SYNCH
VREF
3.3V
OUT
FB
GND
COMP
VCC
VIN=4V to 35V
A5973D
C1
10uF
35V
CERAM IC
C2
330uF
6.3V
C3
220pF
C4
22nF
R1
5k6
R2
3k3
R3
4k7
D1
STPS340U
L1 15uH
Vout=3.3V
1
2
3
4
5
6
7
8
INH
SYNCH
VREF
3.3V
www.st.com


Similar Part No. - A5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
826Kb / 13P
2.5A switch step down switching regulator for automotive applications
23-Oct-2007
A5973D STMICROELECTRONICS-A5973D Datasheet
787Kb / 12P
Up to 2 A step down switching regulator for automotive applications
02-May-2008
A5973D013TR STMICROELECTRONICS-A5973D013TR Datasheet
826Kb / 13P
2.5A switch step down switching regulator for automotive applications
23-Oct-2007
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
Up to 2 A step down switching regulator for automotive applications
02-May-2008
More results

Similar Description - A5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
2 A step down switching regulator for automotive applications
14-Jan-2008
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
Up to 2 A step down switching regulator for automotive applications
02-May-2008
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
Up to 1 A step down switching regulator for automotive applications
27-Aug-2008
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
B5973D_0808 STMICROELECTRONICS-B5973D_0808 Datasheet
768Kb / 12P
2 A step down switching regulator for automotive applications
27-Aug-2008
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
Up to 1 A step down switching regulator for automotive applications
03-Nov-2009
A7985ATR STMICROELECTRONICS-A7985ATR Datasheet
1Mb / 44P
2 A step-down switching regulator for automotive applications
17-Mar-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com