Electronic Components Datasheet Search
  English  ▼

X  

M95040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95040
Description  4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040 Datasheet(HTML) 1 Page - STMicroelectronics

  M95040_08 Datasheet HTML 1Page - STMicroelectronics M95040_08 Datasheet HTML 2Page - STMicroelectronics M95040_08 Datasheet HTML 3Page - STMicroelectronics M95040_08 Datasheet HTML 4Page - STMicroelectronics M95040_08 Datasheet HTML 5Page - STMicroelectronics M95040_08 Datasheet HTML 6Page - STMicroelectronics M95040_08 Datasheet HTML 7Page - STMicroelectronics M95040_08 Datasheet HTML 8Page - STMicroelectronics M95040_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
March 2008
Rev 8
1/42
1
M95040
M95020 M95010
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM
with high-speed clock
Features
Compatible with SPI bus serial interface
(Positive clock SPI modes)
Single supply voltage:
– 4.5 V to 5.5 V for M950x0
– 2.5 V to 5.5 V for M950x0-W
– 1.8 V to 5.5 V for M950x0-R
High speed
– 10 MHz Clock rate, 5 ms write time
Status Register
Byte and Page Write (up to 16 bytes)
Self-timed programming cycle
Adjustable size read-only EEPROM area
Enhanced ESD protection
More than 1 Million write cycles
More than 40-year data retention
Packages
–ECOPACK® (RoHS compliant)
Table 1.
Device summary
Reference
Part number
M95040
M95040
M95040-W
M95040-R
M95020
M95020
M95020-W
M95020-R
M95010
M95010
M95010-W
M95010-R
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8 (MB)
2 × 3 mm
www.st.com


Similar Part No. - M95040_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95040 STMICROELECTRONICS-M95040_09 Datasheet
376Kb / 43P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
24-Sep-2009
More results

Similar Description - M95040_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
24-May-2007
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
06-Mar-2008
M95040 STMICROELECTRONICS-M95040_09 Datasheet
376Kb / 43P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
24-Sep-2009
M95160-X STMICROELECTRONICS-M95160-X Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I²C bus EEPROM
27-Jul-2012
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
Apr-2011
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com