Electronic Components Datasheet Search
  English  ▼

X  

DSP56311 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # DSP56311
Description  24-Bit Digital Signal Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56311 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button DSP56311 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56311 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56311 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56311 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56311 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56311 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56311 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56311 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56311 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
PLL Performance Issues
DSP56311 Technical Data, Rev. 8
Freescale Semiconductor
4-5
4.4.2
Phase Jitter Performance
The phase jitter of the PLL is defined as the variations in the skew between the falling edges of EXTAL and CLKOUT
for a given device in specific temperature, voltage, input frequency, MF, and capacitive load on CLKOUT. These
variations are a result of the PLL locking mechanism. For input frequencies greater than 15 MHz and MF
≤4, this
jitter is less than
±0.6 ns; otherwise, this jitter is not guaranteed. However, for MF < 10 and input frequencies
greater than 10 MHz, this jitter is less than
±2 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com