Electronic Components Datasheet Search
  English  ▼

X  

L4964 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4964
Description  HIGH CURRENT SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4964 Datasheet(HTML) 2 Page - STMicroelectronics

  L4964 Datasheet HTML 1Page - STMicroelectronics L4964 Datasheet HTML 2Page - STMicroelectronics L4964 Datasheet HTML 3Page - STMicroelectronics L4964 Datasheet HTML 4Page - STMicroelectronics L4964 Datasheet HTML 5Page - STMicroelectronics L4964 Datasheet HTML 6Page - STMicroelectronics L4964 Datasheet HTML 7Page - STMicroelectronics L4964 Datasheet HTML 8Page - STMicroelectronics L4964 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PIN FUNCTIONS
N
°
Name
Function
1
N.C.
Must not be connected. Leave open circuit.
2
Output
Regulator Output.
3
Supply Voltage
Unregulated Voltage Input. An internal regulator powers the L4964’s internal logic.
4
N.C.
Must not be connected. Leave open circuit.
5
Soft Start
Soft Start Time Constant. A capacitor is connected between this terminal and ground
to define the soft start time constant. This capacitor also determines the average short
circuit output current.
6
Inhibit Input
TTL - Level Remote Inhibit. A logic high level on this input disables the L4964.
7
Sync Input
Multiple L4964’s are synchronized by connecting the pin 7 inputs together and omitting
the oscillator RC network on all but one device.
8
Ground
Common Ground Terminal.
9
Frequency
Compensation
A series RC network connected between this terminal and ground determines the
regulation loop gain characteristics.
10
Feedback
Input
The Feedback Terminal of the Regulation Loop. The output is connected directly to
this terminal for 5.1 V operation ; it is connected via a divider for higher voltages.
11
Oscillator
A parallel RC network connected to this terminal determines the switching frequency.
The pin must be connected to pin 7 input when the internal oscillator is used.
12
Reset Input
Input of the Reset Circuit. The threshold is roughly 5 V. It may be connected to the
beedback point or via a divider to the input.
13
Reset Delay
A capacitor connected between this terminal and ground determines the reset signal
delay time.
14
Reset Output
Open Collector Reset Signal Output. This output is high when the supply is safe.
15
N.C.
Must not be connected. Leave open circuit.
BLOCK DIAGRAM
L4964
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com