Electronic Components Datasheet Search
  English  ▼

X  

L6668 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6668_06 Datasheet HTML 12Page - STMicroelectronics L6668_06 Datasheet HTML 13Page - STMicroelectronics L6668_06 Datasheet HTML 14Page - STMicroelectronics L6668_06 Datasheet HTML 15Page - STMicroelectronics L6668_06 Datasheet HTML 16Page - STMicroelectronics L6668_06 Datasheet HTML 17Page - STMicroelectronics L6668_06 Datasheet HTML 18Page - STMicroelectronics L6668_06 Datasheet HTML 19Page - STMicroelectronics L6668_06 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
L6668
16/23
Figure 40. Load-dependent operating modes: timing diagram
The operating range of the voltage V(SKIPADJ) is practically limited upwards by the onset of audible
noise: typically, with a voltage above 2-2.1V some noise can be heard under some line/load conditions. If,
instead, V(SKIPADJ) is set below the low saturation value of the PWM control voltage (1.4V typ.) burst-
mode operation will never take place. Always bias the pin at some voltage, a floating pin will result in
anomalous behavior. The SKIPADJ pin doubles its function: if the voltage is pulled below 0.8V the IC is
disabled completely, except for the externally available reference voltage VREF, and its quiescent con-
sumption reduced. The soft-start capacitor is discharged so that, when the voltage on the SKIPADJ pin is
pulled above 0.8V, the chip is soft-started just like exiting from UVLO. This function is useful for some kind
of remote ON/OFF control. The comparator referenced to 0.8V does not have hysteresis; hence make
sure that the voltage on the pin does not linger on the threshold to prevent uncertain behavior.
4.4 PWM control Block
The device is specific for secondary feedback. Typically, there is a TL431 at the secondary side and an
optocoupler that transfers output voltage information to the PWM control at the primary side, crossing the
isolation barrier. The PWM control input (pin #10, COMP) is driven directly by the phototransistor's col-
lector (the emitter is grounded to GND) to modulate the duty cycle.
4.5 Current Comparator, PWM Latch and Hiccup-mode OCP
The current comparator senses the voltage across the current sense resistor (Rs) on pin 12 (ISEN) and,
by comparing it with the programming signal derived form the control voltage on pin 10 (COMP), deter-
mines the exact time when the external MOSFET is to be switched off. The PWM latch avoids spurious
switching of the MOSFET, which might result from the noise generated ("double-pulse suppression").
OUT
V(SKIPADJ)
t
t
t
COMP
50 mV
hyster.
3.0V
Fix. Freq.
Mode
Frequency Foldback Mode
Burst-mode
fosc
Fix. Freq.
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com