Electronic Components Datasheet Search
  English  ▼

X  

33784 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33784 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Document Number: MC33784
Rev 2.0, 7/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2008. All rights reserved.
DSI 2.02 Sensor Interface
The 33784 is a slave, Distributed System Interface Bus (DBUS),
version 2.02 compatible device, optimized as a sensor interface. The
device contains circuits to power sensors such as accelerometers,
and to digitize the analog level from the sensor. The device is
controlled by commands over the bus, and returns measured data
and other information over the bus.
Features
• DSI version 2.02 compatible
• 2-channel, 10-bit analog-to-digital converter (ADC)
• 3 pins configurable as logic inputs or outputs
• Provides regulated +5.0v output for sensor power from bus
• On-board clock (no external elements required)
• Includes bus switches on bus and bus return
• Pb-free packaging designated by suffix code EF
Figure 1. 33784 Simplified Application Diagram
(Daisy Chain Shown)
SENSOR INTERFACE
EF SUFFIX (PB-FREE)
98ASB42566B
16-LEAD SOICN
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PCZ33784EF/R2
-40°C to 125°C
16 SOICN
33784
REGOUT
RTNIN
I/O0
I/O1
I/O2
BUSOUT
RTNOUT
BUSIN
H_CAP
33784
33781
33784
BUS
BUSIN
AGND
BUSOUT
RTNIN
RTNOUT
To other
33784
XY
ACCELEROMETER
VCC
Slaves
AGND
AN0
AN1
TEST1
TOUT
IDDQ
TEST2


Similar Part No. - 33784

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33784 FREESCALE-33784 Datasheet
601Kb / 30P
DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
DSI 2.02 Sensor Interface
More results

Similar Description - 33784

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
Distributed System Interface (DSI) Sensor Interface
33781 FREESCALE-33781 Datasheet
1Mb / 44P
Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
DSI 2.02 Sensor Interface
33781 FREESCALE-33781_09 Datasheet
945Kb / 44P
Quad DSI 2.02 Master with
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
DSI Inertial Sensor
Rev. 8, 01/2017
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com