Electronic Components Datasheet Search
  English  ▼

X  

33879A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33879A
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33879A Datasheet HTML 1Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Document Number: MC33879
Rev 7, 8/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007-2008. All rights reserved.
Configurable Octal Serial Switch
with Open Load Detect Current
Disable
The 33879 device is an 8-output hardware-configurable, high side/
low side switch with 16-bit serial input control. Two of the outputs may
be controlled directly via microprocessor for PWM applications. The
33879 incorporates SMARTMOS technology, with CMOS logic,
bipolar/MOS analog circuitry, and DMOS power MOSFETs. The 33879
controls various inductive, incandescent, or LED loads by directly
interfacing with a microcontroller. The circuit’s innovative monitoring
and protection features include very low standby currents, cascade
fault reporting, internal +45 V clamp voltage for low-side configuration,
-20 V high side configuration, output specific diagnostics, and
independent over-temperature protection.
Features
• Designed to operate 5.5V < VPWR < 26.5V
• 16-Bit SPI for control and fault reporting, 3.3V/5.0V compatible
• Outputs are current limited (0.6A to 1.2A) to drive incandescent
lamps
• Output voltage clamp, +45V (Low Side) and -20V (High Side)
during inductive switching
• On/Off control of open load detect current (LED application)
• Internal reverse battery protection on VPWR
• Loss of ground or supply will not energize loads or damage IC
• Maximum 5.0
μA I
PWR standby current at 13V VPWR
•RDS(ON) of 0.75Ω at 25°C typical
• Short-circuit detect and current limit with automatic retry
• Independent over-temperature protection
• Pb-free packaging designated by suffix code EK
Figure 1. 33879 Simplified Application Diagram
HIGH SIDE/ LOW SIDE SWITCH
DWB SUFFIX EXPOSED PAD
EK SUFFIX (PB-FREE)
98ARL10543D
32-PIN SOICW
33879
33879A
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33879EK/R2
-40
°C to 125°C
32 SOICW-EP
MCZ33879EK/R2
MCZ33879AEK/R2
VBAT
M
VBAT
VPWR
33879
Low-Side Drive
GND
S3
S4
D1
D2
D3
D4
S1
S2
D5
D6
D7
D8
S7
S8
S5
S6
EN
DI
SCLK
CS
DO
IN5
IN6
MCU
A0
MOSI
SCLK
CS
MISO
PWM1
PWM2
VDD
VPWR
+5.0 V
H-Bridge Configuration
VBAT
High-Side Drive


Similar Part No. - 33879A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33879A FREESCALE-33879A Datasheet
592Kb / 24P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879A FREESCALE-33879A Datasheet
804Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879A FREESCALE-33879A Datasheet
645Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879A FREESCALE-33879A Datasheet
1,011Kb / 26P
Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
More results

Similar Description - 33879A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
MC33879 MOTOROLA-MC33879 Datasheet
408Kb / 20P
Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880 Datasheet
601Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
Configurable Octal Serial Switch
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com