Electronic Components Datasheet Search
  English  ▼

X  

33982 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 35Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
33982
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 3.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 3.0)
Introduction
This thermal addendum is provided as a supplement to the MC33982B
technical datasheet. The addendum provides thermal performance information
that may be critical in the design and development of system applications. All
electrical, application, and packaging information is provided in the datasheet.
Packaging and Thermal Considerations
This package is a dual die package. There are two heat sources in the package
independently heating with P1 and P2. This results in two junction temperatures,
TJ1 and TJ2, and a thermal resistance matrix with RθJAmn.
For m, n = 1, RθJA11 is the thermal resistance from Junction 1 to the reference
temperature while only heat source 1 is heating with P1.
For m = 1, n = 2, RθJA12 is the thermal resistance from Junction 1 to the
reference temperature while heat source 2 is heating with P2. This applies to RθJ21
and RθJ22, respectively.
The stated values are solely for a thermal performance comparison of one
package to another in a standardized environment. This methodology is not meant to and will not predict the performance of a
package in an application-specific environment. Stated values were obtained by measurement and simulation according to the
standards listed below.
Standards
Figure 13. Surface Mount for Power PQFN
with Exposed Pads
High Side Switch
33982
PNA SUFFIX
98ARL10521D
16-PIN PQFN
12 mm x 12 mm
Note For package dimensions, refer to
the 33982B data sheet.
TJ1
TJ2
=
RθJA11
RθJA21
RθJA12
RθJA22
.
P1
P2
Table 18. Thermal Performance Comparison
Thermal
Resistance
1 = Power Chip, 2 = Logic Chip [
°C/W]
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RθJAmn
(1), (2)
20
16
39
RθJBmn
(2), (3)
62.0
26
RθJAmn
(1), (4)
53
40
73
RθJCmn
(5)
<0.5
0.0
1.0
Notes:
1.
Per JEDEC JESD51-2 at natural convection, still air
condition.
2.
2s2p thermal test board per JEDEC JESD51-7and
JESD51-5.
3.
Per JEDEC JESD51-8, with the board temperature on the
center trace near the power outputs.
4.
Single layer thermal test board per JEDEC JESD51-3 and
JESD51-5.
5.
Thermal resistance between the die junction and the
exposed pad, “infinite” heat sink attached to exposed pad.
Note: Recommended via diameter is 0.5mm. PTH (plated through
hole) via must be plugged / filled with epoxy or solder mask in order
to minimize void formation and to avoid any solder wicking into the
via.
1.0
1.0
0.2
0.2
* All measurements
are in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com