Electronic Components Datasheet Search
  English  ▼

X  

17511A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 17511A
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17511A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  17511A Datasheet HTML 1Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 2Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 3Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 4Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 5Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 6Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 7Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 8Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
17511A
PIN CONNECTIONS
Figure 4. QFN Pin Connections
Table 2. QFN Pin Function Description
Pin
Number
Pin Name
Formal Name
Definition
1, 2, 3, 4
VM
Motor Drive Power Supply
Driver power supply voltage input pin.
5, 6, 13, 18
NC
No Connect
This pin is not used.
7
VDD
Logic Supply
Control circuit power supply pin.
8
IN1
Logic Input Control 1
Control signal input 1.
9
IN2
Logic Input Control 2
Control signal input 2.
10
EN
Enable Control
Enable control signal input pin.
11
LGND
Logic Ground
Logic ground pin.
12
GIN
Gate Driver Input
LOW = True control signal for GOUT pin.
14
OUT1
Output 1
Driver output 1 (right half of H-Bridge).
15, 16
PGND
Power Ground
Driver ground pin.
17
OUT2
Output 2
Driver output 2 (left half of H-Bridge).
19
GOUT
Gate Driver Output
Output gate driver signal to external MOSFET switch.
20
CRES
Pre-Driver Power Supply
Pre-driver circuit power supply pin.
21
C2H
Charge Pump 2H
Charge pump bucket capacitor 2 (positive pole).
22
C2L
Charge Pump 2L
Charge pump bucket capacitor 2 (negative pole).
23
C1H
Charge Pump 1H
Charge pump bucket capacitor 1 (positive pole).
24
C1L
Charge Pump 1L
Charge pump bucket capacitor 1 (negative pole).
1
2
3
4
5
6
VM
VM
VM
NC
NC
VM
7
8
9 10 11 12
18
17
16
15
14
13
NC
PGND
PGND
OUT1
NC
OUT2
19
20
21
22
23
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com