Electronic Components Datasheet Search
  English  ▼

X  

MPC17531A Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC17531A
Description  700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17531A Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC17531A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
17531A
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 5. tPLH, tPHL, and tPZH Timing
Figure 6. Low-Voltage Detection Timing
Figure 7. Charge Pump Timing
10%
50%
OUTA,
OUTB
90%
tPLH
tPHL
IN1,
IN2,
PSAVE
tVDDDET
0%
VDD
IM
50%
tVDDDET
0.8 V
2.5 V
VDDDETon
VDDDEToff
90%
(<1.0
µA)
tVGON
VDD
VCRES
11 V
Table 6. Truth Table
INPUT
OUTPUT
Charge Pump and Low
Voltage Detector
PSAVE
IN1A
IN2A
IN1B
IN2B
OUT1A
OUT2A
OUT1B
OUT2B
L
L
L
L
L
RUN
L
H
L
H
L
RUN
L
L
H
L
H
RUN
L
H
H
Z
Z
RUN
H
X
X
Z
Z
STOP
H = High.
L = Low.
Z = High impedance.
X = Don’t care.
PSAVE terminal is pulled up to VDD with internal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com