Electronic Components Datasheet Search
  English  ▼

X  

MPX10 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX10
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX10 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX10_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX10_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX10_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX10_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX10_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX10_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX10_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX10_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX10_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MPX10
Sensors
Freescale Semiconductor
5
Pressure
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The pressure sensor is
designed to operate with positive differential pressure
applied, P1 > P2.
The Pressure (P1) side may be identified by using the
following table.
Part Number
Case Type
Pressure (P1) Side Identifier
MPX10D
344
Stainless Steel Cap
MPX10DP
344C
Side with Part Marking
MPX10GP
344B
Side with Port Attached
MPXV10GC6U
482A
Side with Port Attached
MPXV10GC7U
482C
Side with Port Attached



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com