Electronic Components Datasheet Search
  English  ▼

X  

2N7000 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N7000
Description  N-channel 60V - 1.8Ω - 0.35A - SOT23-3L / TO-92 STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N7000 Datasheet(HTML) 3 Page - STMicroelectronics

  2N7000_07 Datasheet HTML 1Page - STMicroelectronics 2N7000_07 Datasheet HTML 2Page - STMicroelectronics 2N7000_07 Datasheet HTML 3Page - STMicroelectronics 2N7000_07 Datasheet HTML 4Page - STMicroelectronics 2N7000_07 Datasheet HTML 5Page - STMicroelectronics 2N7000_07 Datasheet HTML 6Page - STMicroelectronics 2N7000_07 Datasheet HTML 7Page - STMicroelectronics 2N7000_07 Datasheet HTML 8Page - STMicroelectronics 2N7000_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2N7000 - 2N7002
Electrical ratings
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-92
SOT23-3L
VDS
Drain-source voltage (VGS = 0)
60
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)60
V
VGS
Gate- source voltage
± 18
V
ID
Drain current (continuous) at TC = 25°C
0.35
0.20
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
1.4
1
A
PTOT
Total dissipation at TC = 25°C
1
0.35
W
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-92
SOT23-3L
Rthj-amb
Thermal resistance junction-ambient max
125
357.1 (1)
1.
When mounted on 1inch² FR-4, 2 Oz copper board.
°C/W
TJ
Operating junction temperature
- 55 to 150
°C
Tstg
Storage temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com