Electronic Components Datasheet Search
  English  ▼

X  

MRF281 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF281
Description  RF Power Field Effect Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF281 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF281 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MRF281SR1 MRF281ZR1
3
RF Device Data
Freescale Semiconductor
Figure 1. Series Equivalent Input and Output Impedance
f
MHz
Zin
Ω
ZOL*
Ω
1500
1600
1700
1800
3.15 - j5.3
3.1 - j2.3
3.1 - j3.8
3.1 - j0.7
15.5 - j13.6
14.7 - j12.5
14.0 - j11.7
13.4 - j11.0
Zin
= Complex conjugate of source impedance.
ZOL* = Complex conjugate of the optimum load
impedance at given output power, voltage,
IMD, bias current and frequency.
1900
3.1 + j0.9
12.8 - j10.1
2000
3.1 + j2.4
12.2 - j9.2
VDD = 26 V, IDQ = 25 mA, Pout = 4 W (PEP)
ZOL*
Zin
Zo = 25 Ω
f = 2000 MHz
Z in
Z OL*
Input
Matching
Network
Device
Under Test
Output
Matching
Network
f = 2000 MHz
f = 1500 MHz
f = 1500 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com