Electronic Components Datasheet Search
  English  ▼

X  

MRF373A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF373A
Description  RF Power Field Effect Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF373A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF373A Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF373A Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF373A Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF373A Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF373A Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF373A Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF373A Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF373A Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF373A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Freescale Semiconductor
RF Product Device Data
MRF373ALR1 MRF373ALSR1
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID =1 μA)
V(BR)DSS
70
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 32 Vdc, VGS = 0 Vdc)
IDSS
—
—
1
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 V, ID = 200 μA)
VGS(th)
2
2.9
4
Vdc
Gate Quiescent Voltage
(VDS = 32 V, ID = 100 mA)
VGS(Q)
2.5
3.3
4.5
Vdc
Drain-Source On-Voltage
(VGS = 10 V, ID = 3 A)
VDS(on)
—
0.41
0.45
Vdc
Dynamic Characteristics
Input Capacitance
(VDS = 32 V, VGS = 0, f = 1 MHz)
Ciss
—
98.5
—
pF
Output Capacitance
(VDS = 32 V, VGS = 0, f = 1 MHz)
Coss
—
49
—
pF
Reverse Transfer Capacitance
(VDS = 32 V, VGS = 0, f = 1 MHz)
Crss
—
2
—
pF
Functional Characteristics (50 ohm system)
Common Source Power Gain
(VDD = 32 V, Pout = 75 W CW, IDQ = 200 mA, f = 860 MHz)
Gps
16.5
18.2
—
dB
Drain Efficiency
(VDD = 32 V, Pout = 75 W CW, IDQ = 200 mA, f = 860 MHz)
η
56
60
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com