Electronic Components Datasheet Search
  English  ▼

X  

MRF21045 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF21045
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21045 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF21045 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21045 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21045 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21045 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21045 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21045 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF21045 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF21045 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF21045 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
RF Device Data
Freescale Semiconductor
MRF21045LR3 MRF21045LSR3
Figure 13. Series Equivalent Source and Load Impedance
f
MHz
Zsource
Ω
Zload
Ω
2110
2140
2170
3.11 - j4.18
3.12 - j3.72
3.09 - j3.87
18.88 - j8.86
19.80 - j9.93
19.68 - j10.44
VDD = 28 Vdc, IDQ = 500 mA, Pout = 10 W Avg.
Zo = 25 Ω
f = 2110 MHz
f = 2170 MHz
f = 2110 MHz
f = 2170 MHz
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under Test
Output
Matching
Network
Zsource
Zload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com