Electronic Components Datasheet Search
  English  ▼

X  

STB16NF06L Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB16NF06L
Description  N-channel 60V - 0.07Ω - 16A - D2PAK STripFET??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16NF06L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB16NF06L_06 Datasheet HTML 5Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 6Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 7Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 8Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 9Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 10Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 11Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 12Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STB16NF06L
Package mechanical data
9/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com