Electronic Components Datasheet Search
  English  ▼

X  

2SA2007 Datasheet(PDF) 1 Page - Rohm

Part # 2SA2007
Description  High-speed Switching Transistor (−60V,−12A)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2007 Datasheet(HTML) 1 Page - Rohm

  2SA2007 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SA2007
Transistors
High-speed Switching Transistor (
−60V,−12A)
2SA2007
!Features
1) High switching speed.
(Typ. tf
= 0.15µs at Ic = −6A)
2) Low saturation voltage.
(Typ. VCE(sat)
= −0.2V at IC / IB = −6A / −0.3A)
3) Wide SOA. (safe operating area)
4) Complements the 2SC5526.
!External dimensions
(Units : mm)
ROHM : TO-220FN
(2) Collector(Drain)
(3) Emitter(Source)
(1) Base(Gate)
0.75
0.8
2.54
(1)
(3)
(2)
(1)
2.54
(3)
(2)
1.3
1.2
10.0
3.2
φ
2.6
4.5
2.8
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
−100
−60
−5
−12
2
25
150
−55 ∼ +150
Unit
V
V
V
A
−20
A(Pulse)
W
W(Tc
=25°C)
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collectorpowerdissipation
Junction temperature
Storage temperature
!Packaging specifications and hFE
Type
2SA2007
TO-220FN
F
500
Package
hFE
Code
Basic ordering unit (pieces)
−
!Electrical characteristics
(Ta = 25
°C)
Min.
Typ.
Max.
Unit
Conditions
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
−5
−
−
−
160
−
−
−
−
−
−
−
−
80
250
−
−
−10
−10
−0.3
320
−
−
V
V
µA
µA
V
−
MHz
pF
IC
=
−50µA
BVCEO
−60
−−
V
IC
=
−1mA
IE
=
−50µA
VCB
=
−100V
VEB
=
−5V
IC/IB
=
−6A/−0.3A
−−
−0.5
V
IC/IB
=
−8A/−0.4A
VBE(sat)
−−
−1.5
V
IC/IB
=
−8A/−0.4A
−−
−1.2
V
IC/IB
=
−6A/−0.3A
hFE
VCE
=
−2V , IC = −2A
VCE
=
−10V , IE = 1A , f = 30MHz
VCB
=
−10V , IE = 0A , f = 1MHz
ton
−
−
0.3
µs
IC
=
−6A , RL = 5Ω
tstg
−
−
1.5
µsIB1 = −IB2 = −0.3A
tf
−
−
0.3
µs
VCC
−30V
Parameter
BVCBO
Symbol
−100
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Base-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Storage time
Turn-on time
Fall time


Similar Part No. - 2SA2007

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA2002 ISAHAYA-2SA2002 Datasheet
84Kb / 3P
FOR HIGH CURRENT APPLICATION SILICON PNP EPITAXIAL TYPE MICRO(FRAME TYPE)
logo
Panasonic Semiconductor
2SA2004 PANASONIC-2SA2004 Datasheet
34Kb / 1P
Silicon PNP epitaxial planer type
logo
Inchange Semiconductor ...
2SA2004 ISC-2SA2004 Datasheet
268Kb / 2P
Silicon PNP Power Transistor
logo
Rohm
2SA2005 ROHM-2SA2005 Datasheet
53Kb / 2P
For Audio Amplifier output - TV Velosity Modulation (-160V,-1.5A)
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A)
More results

Similar Description - 2SA2007

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2073 ROHM-2SA2073 Datasheet
70Kb / 5P
High voltage discharge, High speed switching, Low Noise (−60V, −3A)
logo
Unisonic Technologies
UN1066 UTC-UN1066 Datasheet
181Kb / 5P
HIGH SPEED SWITCHING TRANSISTOR
logo
Rohm
2SA2072 ROHM-2SA2072 Datasheet
71Kb / 5P
High voltage discharge, High speed switching, Low Noise (−60V, −3A)
2SB1184 ROHM-2SB1184_1 Datasheet
95Kb / 4P
Power Transistor (−60V, −3A)
2SA1952 ROHM-2SA1952_1 Datasheet
77Kb / 3P
High-speed Switching Transistor (−60V, −5A)
2SB1561 ROHM-2SB1561_09 Datasheet
175Kb / 3P
Medium Power Transistor (−60V, −2A)
MP6T3 ROHM-MP6T3 Datasheet
118Kb / 4P
Medium Power Transistor (−60V, −3A)
logo
Unisonic Technologies
UN1066 UTC-UN1066_08 Datasheet
172Kb / 5P
HIGH SPEED SWITCHING TRANSISTOR
UN1066 UTC-UN1066_15 Datasheet
172Kb / 5P
HIGH SPEED SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
2N222A-V01 ETC-2N222A-V01 Datasheet
318Kb / 3P
High Speed Switching Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com