Electronic Components Datasheet Search
  English  ▼

X  

PAM2305 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2305
Description  1A Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2305 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2305 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2305 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
Applications
General Description
n
n
n
n
n
n
n
n
n
n
n
Efficiency up to 96%
Only 40 A(TYP.) Quiescent Current
Output Current: Up to 1A
Internal Synchronous Rectifier
1.5MHz Switching Frequency
Soft Start
Under-Voltage Lockout
Short Circuit Protection
Thermal Shutdown
5-pin Small SOT23-5, DFN2x2 6-Pin and
QFN3x3 16-Pin Packages
Cellular Phone
Portable Electronics
Wireless Devices
Cordless Phone
Computer Peripherals
Battery Powered Widgets
Electronic Scales
Digital Frame
The PAM2305 is a step-down current-mode, DC-
DC converter. At heavy load, the constant-
frequency PWM control performs excellent
stability and transient response. To ensure the
longest battery life in portable applications, the
PAM2305 provides a power-saving Pulse-
Skipping Modulation (PSM) mode to reduce
quiescent current under light load operation to
save power.
The PAM2305 supports a range of input voltages
from 2.5V to 5.5V, allowing the use of a single
Li+/Li-polymer cell, multiple Alkaline/NiMH cell,
USB, and other standard power sources. The
output voltage is adjustable from 0.6V to the input
voltage, while the part number suffix PAM2305-
XX indicates pre-set output voltage of 3.3V, 2.8V,
2.5V, 1.8V, 1.5V, 1.2V or adjustable. All versions
employ internal power switch and synchronous
rectifierfor to minimize external part count and
realize high efficiency. During shutdown, the input
is disconnected from the output and the shutdown
current is less than 0.1 A. Other key features
include under-voltage lockout to prevent deep
battery discharge.
The PAM2305 is available in SOT23-5, DFN2x2 6-
Pin and QFN3x3 16-Pin packages.
μ
μ
Pb-Free Package
n
n
n
n
n
n
n
n
Typical Application
VIN
SW
VOUT
/FB
GND
EN
L
Vo
Co
10μF
5
4
V
C
10μF
IN
IN
1
3
2
1
www.poweranalog.com
PAM2305
1A Step-Down DC-DC Converters
Fixed Output Voltage
Adjustable Output Voltage
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
1
0.6 1
2
O
R
V
R
æö
=´ +
ç÷
èø
VIN
SW
GND
EN
VOUT/FB
L
Vo
Co
10μF
5
4
V
C
IN
IN
10μF
1
3
C
FW
R1
R2
2


Similar Part No. - PAM2305

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2305 DIODES-PAM2305 Datasheet
568Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2305AAB120 DIODES-PAM2305AAB120 Datasheet
568Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2305AAB150 DIODES-PAM2305AAB150 Datasheet
568Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2305AAB180 DIODES-PAM2305AAB180 Datasheet
568Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2305AAB250 DIODES-PAM2305AAB250 Datasheet
568Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
More results

Similar Description - PAM2305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
1A Driver Transistor Built-In Step-Down DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
1A Step-Down DC-DC Converter
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
1A Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
Step-Down DC-DC Converters
Rev 1; 10/13
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
Step-Down DC-DC Converters
Rev 2; 12/13
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com