Electronic Components Datasheet Search
  English  ▼

X  

PAM2308 Datasheet(PDF) 14 Page - Power Analog Micoelectronics

Part # PAM2308
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2308 Datasheet(HTML) 14 Page - Power Analog Micoelectronics

Back Button PAM2308 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2308 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2308 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2308 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2308 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2308 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2308 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2308 Datasheet HTML 14Page - Power Analog Micoelectronics PAM2308 Datasheet HTML 15Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PAM2308
Dual High-Efficiency PWM Step-Down DC-DC Coverter
14
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
PAM2308XXXv v
12
Output Voltage 1
Number of Pins
Package Type
Pin Configuration
Output Voltage
Pin Configuration
Package Type
Number of Pins
v1
v2
BType
1. EN1
2. FB1
3. VIN2
4. GND
5. LX2
6:EN2
7. FB2
8. VIN1
9. GND
10. LX1
Y: WDFN 3x3
M: 10
K: 3.3V
H: 2.8V
G: 2.5V
E: 1.8V
C: 1.5V
B: 1.2V
A: Adj
K: 3.3V
H: 2.8V
G: 2.5V
E: 1.8V
C: 1.5V
B: 1.2V
A: Adj
Ordering Information
Part Number
Marking
Package Type
Standard Package
PAM2308BYMv1v2
2308v1v2
XXXYW
WDFN3x3-10
3,000 Units/Tape&Reel
Output Voltage 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com