Electronic Components Datasheet Search
  English  ▼

X  

PAM2701 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
EN
CTR0
PAM2701
CTR1
LED1
CTR2
LED2
RSET
LED3
VOUT
LED4
VIN
GND
C1+
C2+
C1-
C2-
D1
D2
D3
D4
R
SET
14.7kΩ
VIN
Cin
1.0 F
μ
Co
1.0 F
μ
C1
1.0 F
μ
C2
1.0 F
μ
PWM
100Hz to 1kHz
Table 3: Analog Voltage for LED Current Control
In circuit in Figure 2 four LEDs are turned on and
off by a PWM signal on the CTR0. A resistor R
is used to set the on state current and the
average LED current is then proportional to the
percentage of on-time when the CTR0 pin is logic
low. Average LED current is approximately equal
to:
I= (t *I
)/ (t
+ t
)
It is recommended that PWM frequency is
between 100Hz and 1kHz. Due to start up delay
and ramp up time, frequency >1kHz will result in
error in the average value of I
Frequency
<100Hz can cause the LEDs to blink visibly.
The four LEDs are turned on and off by applying a
PWM signal to the EN pin in circuit in Figure 3.
The circuit is the same as one in method 3, using
a resistor R
to set the on state current and the
average LED c urrent proportional to the
percentage of on-time when the EN pin is logic
low. Average LED current is approximately equal
to:
I= (t *I
)/ (t
+ t
)
Similarly, it is recommended that PWM frequency
is between 100Hz and 1kHz. Due to start up
delay and ramp up time, frequency >1kHz will
result in error in the average value of I
.
Frequency <100Hz can cause the LEDs to blink
visibly
Figure 1: Analog Voltage for LED Current Control
Figure 2: PWM Signal at CTR0 pin for LED Current Control
Figure 3: PWM Signal at EN pin for LED Current Control
Method 3:
LED Current Setting with a PWM
Signal to CTRx Pin
Method 4: LED Current Setting with a PWM
Signal to EN Pin
SET
AVG
ON
LED_ON
ON
OFF
LED.
SET
AVG
ON
LED_ON
ON
OFF
LED
Application Information
10
VSET(V)
ILED(mA)
VSET(V)
ILED(mA)
0.0
30.0
0.7
13.3
0.1
27.7
0.8
10.9
0.2
25.3
0.9
8.4
0.3
22.9
1.0
6.0
0.4
20.5
1.1
3.6
0.5
18.1
1.2
1.1
0.6
15.7
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.3
PAM2701
4-Channel Regulated Charge Pump White LED Driver
EN
CTR0
PAM2701
CTR1
LED1
CTR2
LED2
RSET
LED3
VOUT
LED4
VIN
GND
C1+
C2+
C2-
D1
D2
D3
D4
RSET
14.7kΩ
VSET
VIN
Cin
1.0μF
Co
1.0μF
1.0μF
C2
1.0μF
EN
CTR0
CTR1
LED1
CTR2
LED2
RSET
LED3
VOUT
LED4
VIN
GND
C1+
C2+
C1
-
C2-
D1
D2
D3
D4
R
SET
14.7kΩ
VIN
Cin
1.0 F
μ
Co
1.0 F
μ
C1
1.0 F
μ
C2
1.0 F
μ
PWM
100Hz to 1kHz
PAM2701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com