Electronic Components Datasheet Search
  English  ▼

X  

PAM2841 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM2841
Description  1.5ASW Current, 40V Precision WLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2841 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM2841 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2841 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Figure. 1
2). Using an External PWM Signal to NMOS
Gate.
Figure. 2
3).UsingaDCVoltage
4). Using a Filtered PWM Signal
When PWM signal is at high level, N MOSFET
turned on, then pull comp pin down, then the
LED current should be zero. When PWM signal
is at low level, N MOSFET turned off. The circuit
uses resistor R1 to set the on state current. The
average LED current changes proportionally
with the duty cycle of the PWM signal. A 100%
duty cycle turns off the PAM2841 and leads to
zero LED current. A 0% duty cycle generates full
current.
Also the recommend frequency is between 100
and 500Hz. Frequency<100Hz can naturally
causes LEDs to blink visibly.
For some applications, a simple and direct way
to control brightness is use an external variable
DC voltage to vary the voltage drop on feedback
resistor. This will make the PAM2841 adjust the
output current to follow the change of feedback
voltage. The circuit is shown in Figure 3. As the
DC voltage increases, the voltage drop on R4
increases and the v oltage drop on R3
decreases. Thus, the LED current decreases.
The selection of R4 and R5 will make the current
from the variable DC source much smaller than
the LED current and much larger than the FB pin
current. For VCC range from 0V to 2V, the
selection of resistors in Figure 3 gives dimming
control of LED current from 0mA to 20mA.
The filtered PWM signal can be considered as an
adjustable DC voltage. Such regulated signal is
often with some grade of ripple because of some
simple configuration of circuit. With appropriated
arrangement of PWM frequency and level, and
filter parameters, it can be used to replace the
variable DC voltage source in dimming control.
The circuit is shown in Figure 4.
I
=I
* (T
–T
)/(T +T
)
where T : on time of a period
T
: 0.08ms
T
: offtimeofaperiod
I
: on state current (full current)
AVE
STATE
ON
STARTUP
ON
OFF
ON
STARTUP
OFF
STATE
Figure. 3
PAM2841
1.5A SW Current, 40V Precision WLED Driver
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
08/2008 Rev 1.3
U12
PAM2841
PGND
1
VIN
2
ENA
3
COMP
4
GND
5
FB
6
OV
7
SW
8
L1
22uH
1
2
D1
1
2
C3
1uF
C2
1uF
VIN
C1
10uF
0
0
PWM
C4
10n
R1
910k
R2
27k
OVP
Q1
PWM
U12
PAM2841
PGND
1
VIN
2
ENA
3
COMP
4
GND
5
FB
6
OV
7
SW
8
L1
22uH
1
2
D1
1
2
R3
10
C3
1uF
C2
1uF
VIN
C1
10uF
0
0
ENA
C4
10n
R1
910k
R2
27k
OVP
U33
PAM2841
PGND
1
VIN
2
ENA
3
COMP
4
GND
5
FB
6
OV
7
SW
8
L1
22uH
1
2
D1
1
2
R3
10
C3
1uF
C2
1uF
VIN
C1
10uF
0
0
ENA
C4
10n
R1
910k
R2
27k
DC
R4
5k
R5
90k
OVP
U33
PAM2841
PGND
1
VIN
2
ENA
3
COMP
4
GND
5
FB
6
OV
7
SW
8
L1
22uH
1
2
D1
1
2
R3
10
C3
1uF
C2
1uF
VIN
C1
10uF
0
0
0V
5V
ENA
C4
10n
R1
910k
R2
27k
R6
10k
C5
100nF
0
PWM
R4
5k
R5
90k
OVP
Figure. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com