Electronic Components Datasheet Search
  English  ▼

X  

PAM2841SR Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2841SR
Description  1.5ASW Current, 40V Precision WLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2841SR Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2841SR Datasheet HTML 1Page - Power Analog Micoelectronics PAM2841SR Datasheet HTML 2Page - Power Analog Micoelectronics PAM2841SR Datasheet HTML 3Page - Power Analog Micoelectronics PAM2841SR Datasheet HTML 4Page - Power Analog Micoelectronics PAM2841SR Datasheet HTML 5Page - Power Analog Micoelectronics PAM2841SR Datasheet HTML 6Page - Power Analog Micoelectronics PAM2841SR Datasheet HTML 7Page - Power Analog Micoelectronics PAM2841SR Datasheet HTML 8Page - Power Analog Micoelectronics PAM2841SR Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Typical Application
PAM2841
1.5A SW Current, 40V Precision WLED Driver
Features
Applications
Capable of Driving 10 or more WLEDs
Chip Enable with Soft-start
Analog and PWM Dimming
Low Quiescent Current
1MHz
Over Current Protection
Over Voltage Protection
Thermal Protection
UVLO
Tiny Pb-Free Packages (RoHS
Compliant): MSOP-8 and DFN 2X2
WLED Driver System
protection
protection
LED dimming can be done by four methods as
described in the Application Information hereinafter.
n
Description
The PAM2841 is a white LED driver, capable of
driving 10 or more WLEDs in series (depending on
forward voltage of the LEDs) with a range of input
voltages from 2.7V to 5.5V.
The PAM2841 features over current
, over
voltage
, under voltage lockout and over
temperature protection, which prevent the device
from damage.
n
n
n
n
n
n
n
n
n
n
n
Peak Efficiency up to 90%
Fixed Frequency of
1
www.poweranalog.com
,
Power Analog Microelectronics Inc
08/2008 Rev 1.3
10 LEDs
PAM2841
GND
SW
VIN
OVP
ENA
FB
Comp
PGND
V
IN
L1
22 H
μ
D1(SS14)
R3
10Ω
C4
10nF
C3
1F
μ
C2
1F
μ
C1
10 F
μ
R1
910kΩ
R2
27kΩ
3x9 LEDs
PAM2841
GND
SW
VIN
OVP
ENA
FB
Comp
PGND
V
IN
L1
22 H
μ
D1(SS14)
R3
1.1Ω
C4
10nF
C3
1F
μ
C2
1F
μ
C1
10 F
μ
R1
910kΩ
R2
27kΩ


Similar Part No. - PAM2841SR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2841SR DIODES-PAM2841SR Datasheet
711Kb / 16P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 1
PAM2841SR DIODES-PAM2841SR Datasheet
623Kb / 15P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 2
More results

Similar Description - PAM2841SR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0035 MPS-EV0035 Datasheet
128Kb / 4P
6 White LEDs, 20mA Precision WLED Driver Evaluation Board
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
AC/DC Programmable Current WLED Driver
logo
Micrel Semiconductor
MIC2845 MICREL-MIC2845 Datasheet
1Mb / 21P
6 Channel High Side Current Source WLED driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
WLED Driver for Notebooks
logo
Diodes Incorporated
PAM2841 DIODES-PAM2841 Datasheet
711Kb / 16P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 1
PAM2841 DIODES-PAM2841_17 Datasheet
623Kb / 15P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 2
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
High efficiency constant current limit current WLED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com