Electronic Components Datasheet Search
  English  ▼

X  

PAM3112 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM3112
Description  300mA CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3112 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM3112 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Part Number
Output Voltage
Marking
Package Type
Standard Package
PAM3112AAA120
1.2V
AOBYW
SOT23-3
3,000 Units/Tape & Reel
PAM3112BAA120
1.2V
AOBYW
SOT23-3
3,000 Units/Tape & Reel
PAM3112DAB120
1.2V
AOBYW
SOT23-5
3,000 Units/Tape & Reel
PAM3112ACA120
1.2V
P3112B
XXXYW
SOT89-3
1,000 Units/Tape & Reel
PAM3112HCA120
1.2V
P3112B
XXXYW
SOT89-3
1,000 Units/Tape & Reel
PAM3112GUA120
1.2V
AOBYW
SC70-3
3,000 Units/Tape & Reel
PAM3112FUK120
1.2V
AOBYW
SC70-4
3,000 Units/Tape & Reel
PAM3112DUB120
1.2V
AOBYW
SC70-5
3,000 Units/Tape & Reel
PAM3112AAA130
1.3V
AOWYW
SOT23-3
3,000 Units/Tape & Reel
PAM3112BAA130
1.3V
AOWYW
SOT23-3
3,000 Units/Tape & Reel
PAM3112DAB130
1.3V
AOWYW
SOT23-5
3,000 Units/Tape & Reel
PAM3112ACA130
1.3V
P3112W
XXXYW
SOT89-3
1,000 Units/Tape & Reel
PAM3112HCA130
1.3V
P3112W
XXXYW
SOT89-3
1,000 Units/Tape & Reel
PAM3112GUA130
1.3V
AOWYW
SC70-3
3,000 Units/Tape & Reel
PAM3112FUK130
1.3V
AOWYW
SC70-4
3,000 Units/Tape & Reel
PAM3112DUB130
1.3V
AOWYW
SC70-5
3,000 Units/Tape & Reel
PAM3112
300mA CMOS Linear Regulator
10
10/2008 Rev 1.3
,
Power Analog Microelectronics Inc
www.poweranalog.com
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com