Electronic Components Datasheet Search
  English  ▼

X  

HD151011 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD151011
Description  Dual BCD Programmable Counter with Synchronous Preset Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151011 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD151011 Datasheet HTML 1Page - Renesas Technology Corp HD151011 Datasheet HTML 2Page - Renesas Technology Corp HD151011 Datasheet HTML 3Page - Renesas Technology Corp HD151011 Datasheet HTML 4Page - Renesas Technology Corp HD151011 Datasheet HTML 5Page - Renesas Technology Corp HD151011 Datasheet HTML 6Page - Renesas Technology Corp HD151011 Datasheet HTML 7Page - Renesas Technology Corp HD151011 Datasheet HTML 8Page - Renesas Technology Corp HD151011 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HD151011
Rev.2.00, Jul.16.2004, page 2 of 13
Function Table
Control Inputs
CLR
PR
SPE
SPE
SPE
SPE
C/
TTTT
Mode
Operation Description
H
H
H
X
Generally count
Down count at the rise edge of clock (CLK)
Down count at the fall edge of clock (
CLK)
X
X
L
X
Synchronous preset
Jn data is preset at the rise of clock (CLK), the fall of clock
(
CLK)
—
—
—
H
—
Clock inputs (CLK,
CLK) is CMOS level
—
—
—
L
—
Clock inputs (CLK,
CLK) is TTL level
L
H
—
—
Initialize of Q output
Initialize of Q = “L”
H
L
—
—
Initialize of Q output
Initialize of Q = “H”
Note:
1. Synchronous preset (
SPE) input can set max 99 down counts.
2. When the count value is 0, the next clock pulse presets the data to invert the output.
3. CLR and PR inputs initialize output state.
4. Clock inputs (CLK,
CLK) is selectable CMOS level (V
CC = 2.0 to 6.0 V) and TTL level (VCC = 4.5 to 5.5V) (Jn,
C/
T, PR, CLR and SPE inputs are CMOS level)
Don't set data exceeding 99 to Jn. (J0 : LSB, J7 : MSB)
H :
High level
L
:
Low level
X :
Immaterial
— :
Irrespective of condition
Pin Arrangement
15
16
17
18
VCC
1
2
3
4
5
6
7
14
CO
GND
(Top view)
8
13
19
20
J 0
(Test 1)
J 1
J 2
J 3
J 4
J 5
J 6
9
10
J 7
12
11
(Test 2)
C / T
CLK
CLK
Q
PR
SPE
CLR
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com