Electronic Components Datasheet Search
  English  ▼

X  

1SS86 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 1SS86
Description  Silicon Schottky Barrier Diode for UHF TV Tuner Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS86 Datasheet(HTML) 1 Page - Renesas Technology Corp

  1SS86 Datasheet HTML 1Page - Renesas Technology Corp 1SS86 Datasheet HTML 2Page - Renesas Technology Corp 1SS86 Datasheet HTML 3Page - Renesas Technology Corp 1SS86 Datasheet HTML 4Page - Renesas Technology Corp 1SS86 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.3.00 May 09, 2005 page 1 of 4
1SS86
Silicon Schottky Barrier Diode for UHF TV Tuner Mixer
REJ03G0614-0300
(Previous: ADE-208-186B)
Rev.3.00
May 09, 2005
Features
• Low capacitance. (C = 0.85 pF max)
• High reliability with glass seal.
Ordering Information
Type No.
Cathode band
2nd band
Mark
Package Name
Package Code
(Previous Code)
1SS86
White
White
H
DO-35
GRZZ0002ZB-A
(DO-35)
Pin Arrangement
1
2
Cathode band
2nd band
1. Cathode
2. Anode


Similar Part No. - 1SS86

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS86 HITACHI-1SS86 Datasheet
73Kb / 7P
Silicon Schottky Barrier Diode for UHF TV Tuner Mixer
logo
SEMTECH ELECTRONICS LTD...
1SS86 SEMTECH_ELEC-1SS86 Datasheet
118Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
1SS86 SUNMATE-1SS86 Datasheet
290Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - 1SS86

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4568 NEC-2SC4568 Datasheet
51Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
KSC1070 SAMSUNG-KSC1070 Datasheet
146Kb / 4P
NPN (UHF TV TUNER RF AMPLIFIERLIFIER, MIXER)
KSC2734 SAMSUNG-KSC2734 Datasheet
93Kb / 3P
NPN (MIXER, OSC. FOR UHF TV TUNER)
KSC3120 SAMSUNG-KSC3120 Datasheet
67Kb / 2P
NPN (MIXER FOR UHF TV TUNER)
logo
Hitachi Semiconductor
1SS86 HITACHI-1SS86 Datasheet
73Kb / 7P
Silicon Schottky Barrier Diode for UHF TV Tuner Mixer
logo
Fairchild Semiconductor
KSC3123 FAIRCHILD-KSC3123 Datasheet
66Kb / 5P
Mixer for UHF TV Tuner
logo
Toshiba Semiconductor
2SC3862 TOSHIBA-2SC3862_07 Datasheet
614Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
logo
Hitachi Semiconductor
1SS174 HITACHI-1SS174 Datasheet
20Kb / 4P
Silicon Schottky Barrier Diode for UHF TV Tuner Mixer, Various Detector, High speed switching
logo
New Jersey Semi-Conduct...
1N82AG NJSEMI-1N82AG Datasheet
75Kb / 1P
SILICON SCHOTTKY BARRIER UHF TV TUNER MIXER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com