Electronic Components Datasheet Search
  English  ▼

X  

2SA836 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA836
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA836 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA836 Datasheet HTML 1Page - Renesas Technology Corp 2SA836 Datasheet HTML 2Page - Renesas Technology Corp 2SA836 Datasheet HTML 3Page - Renesas Technology Corp 2SA836 Datasheet HTML 4Page - Renesas Technology Corp 2SA836 Datasheet HTML 5Page - Renesas Technology Corp 2SA836 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SA836
Rev.2.00 Aug 10, 2005 page 4 of 5
Contours of Constant Noise Figure (2)
200
Collector Current IC (mA)
–0.01–0.02 –0.05 –0.1 –0.2
–0.5 –1.0 –2
–5 –10
500
1 k
2 k
10 k
5 k
20 k
50 k
100 k
f = 1 kHz
1 dB2 dB
5 dB6 dB
3 dB4 dB
7 dB8 dB
9 dB 10 dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com