Electronic Components Datasheet Search
  English  ▼

X  

2SA1190 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SA1190
Description  Silicon PNP Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1190 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SA1190 Datasheet HTML 1Page - Renesas Technology Corp 2SA1190 Datasheet HTML 2Page - Renesas Technology Corp 2SA1190 Datasheet HTML 3Page - Renesas Technology Corp 2SA1190 Datasheet HTML 4Page - Renesas Technology Corp 2SA1190 Datasheet HTML 5Page - Renesas Technology Corp 2SA1190 Datasheet HTML 6Page - Renesas Technology Corp 2SA1190 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SA1190
Rev.2.00 Aug 10, 2005 page 2 of 6
Electrical Characteristics
(Ta = 25°C)
2SA1190
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
–90
—
—
V
IC = –10
µA, IE = 0
Collector to emitter breakdown voltage
V(BR)CEO
–90
—
—
V
IC = –1 mA, RBE =
∞
Emitter to base breakdown voltage
V(BR)EBO
–5
—
—
V
IE = –10
µA, IC = 0
Collector cutoff current
ICBO
—
—
–0.1
µA
VCB = –70 V, IE = 0
Emitter cutoff current
IEBO
—
—
–0.1
µA
VEB = –2 V, IC = 0
DC current trnsfer ratio
hFE*
1
250
—
800
VCE = –12 V,
IC = –2 mA*
2
Collector to emitter saturation voltage
VCE(sat)
—
–0.05
–0.15
V
IC = –10 mA,
IB = –1 mA*
2
Base to emitter saturation voltage
VBE(sat)
—
–0.7
–1.0
V
Gain bandwidth product
fT
—
130
—
MHz
VCE = –6 V,
IC = –10 mA
Collector output capacitance
Cob
—
3.2
—
pF
VCB = –10 V, IE = 0,
f = 1 MHz
Noise figure
NF
—
0.15
1.5
dB
VCE = –6 V,
IC = –0.1 mA,
Rg = 10 k
Ω
f = 1 kHz
—
0.2
2.0
dB
VCE = –6 V,
IC = –0.1 mA,
Rg = 10 k
Ω
f = 10 Hz
Noise voltage referred to input
en
—
0.7
—
nV/
√Hz
VCB = –6 V,
IC = –10 mA,
Rg = 0, f = 1 kHz
Notes: 1. The 2SA1190 and 2SA1191 are grouped by hFE as follows.
2. Pulse test
D
E
250 to 500
400 to 800



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com