Electronic Components Datasheet Search
  English  ▼

X  

2SA1193 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SA1193
Description  Silicon PNP Epitaxial, Darlington
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1193 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SA1193 Datasheet HTML 1Page - Renesas Technology Corp 2SA1193 Datasheet HTML 2Page - Renesas Technology Corp 2SA1193 Datasheet HTML 3Page - Renesas Technology Corp 2SA1193 Datasheet HTML 4Page - Renesas Technology Corp 2SA1193 Datasheet HTML 5Page - Renesas Technology Corp 2SA1193 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00 Aug 10, 2005 page 1 of 5
2SA1193(K)
Silicon PNP Epitaxial, Darlington
REJ03G0641-0200
(Previous ADE-208-1013)
Rev.2.00
Aug.10.2005
Application
High gain amplifier
Outline
1. Emitter
2. Collector
3. Base
RENESAS Package code: PRSS0003DC-A
(Package name: TO-92 Mod)
3
2
1
3
2
1
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
–60
V
Collector to emitter voltage
VCEO
–60
V
Emitter to base voltage
VEBO
–7
V
Collector current
IC
–0.5
A
Collector peak current
iC(peak)
–1.0
A
Collector power dissipation
PC
0.9
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - 2SA1193

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1193 HITACHI-2SA1193 Datasheet
34Kb / 6P
Silicon PNP Epitaxial, Darlington
2SA1193K HITACHI-2SA1193K Datasheet
34Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
New Jersey Semi-Conduct...
2SA1193K NJSEMI-2SA1193K Datasheet
227Kb / 1P
New Jersey Semi-Conductor Products,
More results

Similar Description - 2SA1193

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1193 HITACHI-2SA1193 Datasheet
34Kb / 6P
Silicon PNP Epitaxial, Darlington
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457_06 Datasheet
141Kb / 5P
Silicon PNP Epitaxial Type (Darlington)
21-Nov-2006
2SB1617 TOSHIBA-2SB1617_06 Datasheet
148Kb / 5P
Silicon PNP Epitaxial Type (Darlington)
logo
Renesas Technology Corp
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Micro Commercial Compon...
TIP115 MCC-TIP115_11 Datasheet
378Kb / 2P
PNP Epitaxial Silicon Darlington Transistors
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com