Electronic Components Datasheet Search
  English  ▼

X  

2SA1566 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA1566
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1566 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA1566 Datasheet HTML 1Page - Renesas Technology Corp 2SA1566 Datasheet HTML 2Page - Renesas Technology Corp 2SA1566 Datasheet HTML 3Page - Renesas Technology Corp 2SA1566 Datasheet HTML 4Page - Renesas Technology Corp 2SA1566 Datasheet HTML 5Page - Renesas Technology Corp 2SA1566 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SA1566
Rev.2.00 Aug 10, 2005 page 3 of 5
Main Characteristics
0
50
100
150
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
150
100
50
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
0
–4
–8
–12
–16
–20
–4
–6
–8
IB = 0
–2
µA
–10
–12
–14
–16
–18
–20
Pulse
–10
–8
–6
–4
–2
Typical Transfer Characteristics
–0.1
–1.0
–10
–100
Base to Emitter Voltage VBE (V)
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCE = –6 V
Pulse
Ta = 75
°C
25
–25
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
–1
–3
–10
–30
–100
10
30
100
300
1,000
Ta = 75
°C
25
–25
VCE = –12 V
Pulse
Collector to Emitter Saturation Voltage vs.
Collector Current
Collector Current IC (mA)
–1
–3
–10
–30
–100
–0.01
–0.03
–0.1
–0.3
–1.0
IC = 10 IB
Pulse
Ta = 75
°C
25
–25
Gain Bandwidth Product vs.
Collector Current
10
20
100
50
200
1,000
500
Collector Current IC (mA)
–0.5 –1.0
–2
–5
–10 –20
–50
VCE = –6 V
Pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com