Electronic Components Datasheet Search
  English  ▼

X  

2SB561 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SB561
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB561 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SB561 Datasheet HTML 1Page - Renesas Technology Corp 2SB561 Datasheet HTML 2Page - Renesas Technology Corp 2SB561 Datasheet HTML 3Page - Renesas Technology Corp 2SB561 Datasheet HTML 4Page - Renesas Technology Corp 2SB561 Datasheet HTML 5Page - Renesas Technology Corp 2SB561 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SB561
Rev.2.00 Aug 10, 2005 page 3 of 5
Main Characteristics
Maximum Collector Dissipation
Curve
0.6
0.4
0.2
0
50
150
100
Ambient Temperature Ta (°C)
Typical Output Characteristics
–500
–400
–300
–200
–100
0
–0.4
–2.0
–1.2
–0.8
–1.6
Collector to Emitter Voltage VCE (V)
IB = 0
–0.5 mA
–1.0
–1.5
–2.0
–2.5
P
C
=
0.5
W
Typical Transfer Characteristics
–1,000
–300
–100
–30
–10
–3
–1
0
–0.4
–0.8
–0.2
Base to Emitter Voltage VBE (V)
–0.6
–1.0
VCE = –1 V
Ta = 75
°C
25
°C
DC Current Transfer Ratio vs.
Collector Current
VCE = –1 V
Pulse
Ta = 75
°C
25
°C
3,000
1,000
300
100
30
10
–1
–3
–30
–300
–100
–1,000
–10
Collector Current IC (mA)
Collector to Emitter Saturation
Voltage vs. Collector Current
IC = 10 IB
Ta = 75
°C
–0.5
–0.4
–0.3
–0.2
–0.1
0
–1
–10
–100
–1,000
–3
–30
–300
25
°C
Collector Current IC (mA)
Collector to Emitter Saturation Voltage
vs. Base Current
–1.0
–0.8
–0.6
–0.4
–0.2
0
–1
–3
–10
–100
–30
Base Current IB (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com