Electronic Components Datasheet Search
  English  ▼

X  

2SC2462 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC2462
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2462 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC2462 Datasheet HTML 1Page - Renesas Technology Corp 2SC2462 Datasheet HTML 2Page - Renesas Technology Corp 2SC2462 Datasheet HTML 3Page - Renesas Technology Corp 2SC2462 Datasheet HTML 4Page - Renesas Technology Corp 2SC2462 Datasheet HTML 5Page - Renesas Technology Corp 2SC2462 Datasheet HTML 6Page - Renesas Technology Corp 2SC2462 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SC2462
Rev.2.00 Aug 10, 2005 page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
50
—
—
V
IC = 10
µA, IE = 0
Collector to emitter breakdown voltage
V(BR)CEO
40
—
—
V
IC = 1 mA, RBE =
∞
Emitter to base breakdown voltage
V(BR)EBO
5
—
—
V
IE = 10
µA, IC = 0
Collector cutoff current
ICBO
—
—
0.5
µA
VCB = 30 V, IE = 0
Emitter cutoff current
IEBO
—
—
0.5
µA
VEB = 2 V, IC = 0
DC current transfer ratio
hFE*
1
100
—
500
VCE = 12 V, IC = 2 mA
Collector to emitter saturation voltage
VCE(sat)
—
—
0.2
V
IC = 10 mA, IB = 1 mA
Base to emitter voltage
VBE
—
—
0.75
V
VCE = 12 V, IC = 2 mA
Note:
1. The 2SC2462 is grouped by hFE as follows.
Grade
B
C
D
Mark
LB
LC
LD
hFE
100 to 200
160 to 320
250 to 500



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com