Electronic Components Datasheet Search
  English  ▼

X  

HD29029 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD29029
Description  Dual CCD Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29029 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD29029 Datasheet HTML 1Page - Renesas Technology Corp HD29029 Datasheet HTML 2Page - Renesas Technology Corp HD29029 Datasheet HTML 3Page - Renesas Technology Corp HD29029 Datasheet HTML 4Page - Renesas Technology Corp HD29029 Datasheet HTML 5Page - Renesas Technology Corp HD29029 Datasheet HTML 6Page - Renesas Technology Corp HD29029 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD29029
Rev.2.00, Jul.16.2004, page 3 of 6
Recommended Operating Conditions
Item
Symbol
Min
Typ
max
Unit
Supply Voltage
V
CC
8.0
9.0
13.0
V
Operating Temperature
Ta
–20
25
75
°C
Electrical Characteristics (V
CC = 8 to 13 V, Ta = –20 to 75°C)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Input Voltage
V
IH
2.0
—
—
V
V
IL
——0.6
V
Output Voltage
V
OH
V
CC–2
—
—
V
V
IL = 0.6 V, IOH = –1 mA
V
OL
——0.5
V
V
IH = 2.0 V, IOH = 1 mA
Input Current
I
IH
——20
µA
V
I = 2.7 V
V
IL
—
—
–100
µA
V
I = 0.4 V
Supply Current
I
CCH
——10
mA
I
CCL
——25
mA
Input Current
I
LI
—
—
100
µA
V
I = 7 V
Input Clamp Voltage
V
IK
—
—
–1.5
V
I
IN = –18 mA
Switching Characteritics (C
L = 200 pF, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Propagation Delay Time
t
PHL
—
4.0
15.0
ns
V
CC = 9 V
—
4.0
13.0
ns
V
CC = 12 V
t
PLH
—
6.0
15.0
ns
V
CC = 9 V
—
6.0
13.0
ns
V
CC = 12 V
Transition Time
t
THL
—
8.0
14.0
ns
V
CC = 9 V
—
7.0
12.0
ns
V
CC = 12 V
t
TLH
—
8.0
14.0
ns
V
CC = 9 V
—
7.0
12.0
ns
V
CC = 12 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com