Electronic Components Datasheet Search
  English  ▼

X  

HD29050 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD29050
Description  Dual Differential Line Drivers/ReceiversWith 3 State Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29050 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD29050 Datasheet HTML 1Page - Renesas Technology Corp HD29050 Datasheet HTML 2Page - Renesas Technology Corp HD29050 Datasheet HTML 3Page - Renesas Technology Corp HD29050 Datasheet HTML 4Page - Renesas Technology Corp HD29050 Datasheet HTML 5Page - Renesas Technology Corp HD29050 Datasheet HTML 6Page - Renesas Technology Corp HD29050 Datasheet HTML 7Page - Renesas Technology Corp HD29050 Datasheet HTML 8Page - Renesas Technology Corp HD29050 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HD29050
Rev.3.00, Jul.16.2004, page 3 of 13
Electrical Characteristics
(Ta = 0 to +70°C)
Driver
Item
Symbol
Min
Typ
Max
Unit
Conditions
Input Voltage
V
IHD
2.0
—
—
V
V
ILD
——0.8
V
Input Clamp Voltage
V
IKD
—
—
–1.5
V
V
CC = 4.75 V, II = –18 mA
Output Voltage
V
OHD
2.5
—
—
V
V
CC = 4.75 V, IOH = –20 mA
2.4
—
—
V
V
CC = 4.75 V, IOH = –40 mA
V
OLD
——0.45
V
V
CC = 4.75 V, IOL = 20 mA
——0.5
V
V
CC = 4.75 V, IOL = 40 mA
Output Leak Current
I
OZD
–100
—
100
µA
V
CC = 5.25 V, VO = 0.5 V,
Enable = 0.8 V
–100
—
100
µA
V
CC = 5.25 V, VO = 2.7 V,
Enable = 0.8 V
I
O (Off)
—
—
–100
µA
V
CC = 0 V, VO = –0.25 V
—
—
–100
µA
V
CC = 0 V, VO = 6.0 V
Input Current
I
ID
—
—
100
µA
V
CC = 5.25 V, VI = 5.25 V
I
IHD
——20
µA
V
CC = 5.25 V, VI = 2.7 V
I
ILD
—
—
–360
µA
V
CC = 5.25 V, VI = 0.4 V
Differential Output Voltage
∆ |V
OC|
——0.4
V
|V
OD2|2.0
—
—
V
∆ |V
OD|
——0.4
V
Short Circuit Output Current*1
I
OSD
–30
—
–150
mA
V
CC = 5.25 V, VO = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com