Electronic Components Datasheet Search
  English  ▼

X  

PAM8606 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8606
Description  6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8606 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8606 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical Performance Characteristics
V =9V,R =8 ,T =25 C
DD
L
A
Ω°
(unless otherwise noted).
10
,
Power Analog Microelectronics Inc
08/2008 Rev 1.1
PAM8606
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
13. Output Power vs Supply Voltage
15.Gain vs DC voltage
Note:
PCB information for power dissipation measurement.
1. The PCB size is 74mm 68mm with 1.2mm thickness,
two layers and Fr4.
2. 16 vias at the thermal land on the PCB with 0.5mm
diameter.
3. The size of exposed copper is 10mm*10mm with
3oz thickness.
*
16.Power Dissipation vs. Output Power
0
0.4
0.8
1.2
1.6
2
2.4
2.8
Volume Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
03
69
12
Output Pow er (W)
Tw o channels driven
THD+N=1%
THD+N=10%
16
16.5
17
17.5
18
18.5
19
19.5
20
789
10
11
12
13
Supply Voltage (V)
0
2
4
6
8
10
12
14
7
8
9
1011
1213
Supply Voltage (V)
14. Quesicent Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com