Electronic Components Datasheet Search
  English  ▼

X  

PAM3130DEC285 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM3130DEC285
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130DEC285 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM3130DEC285 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3130DEC285 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3130DEC285 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3130DEC285 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3130DEC285 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3130DEC285 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3130DEC285 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3130DEC285 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3130DEC285 Datasheet HTML 17Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Ordering Information
13
08/2007
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
Part Number
Output Voltage
Marking
Package Type
Standard Package
PAM3130AFA090
0.9V
P3130Z
FATYW
TO-220
50Units/Tube
PAM3130BMB090
0.9V
P3130Z
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130CMB090
0.9V
P3130Z
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130DEC090
0.9V
P3130Z
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3130AFA100
1.0V
P3130Y
FATYW
TO-220
50Units/Tube
PAM3130BMB100
1.0V
P3130Y
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130CMB100
1.0V
P3130Y
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130DEC100
1.0V
P3130Y
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3130AFA120
1.2V
P3130B
FATYW
TO-220
50Units/Tube
PAM3130BMB120
1.2V
P3130B
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130CMB120
1.2V
P3130B
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130DEC120
1.2V
P3130B
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3130AFA150
1.5V
P3130C
FATYW
TO-220
50Units/Tube
PAM3130BMB150
1.5V
P3130C
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130CMB150
1.5V
P3130C
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130DEC150
1.5V
P3130C
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3130AFA180
1.8V
P3130E
FATYW
TO-220
50Units/Tube
PAM3130BMB180
1.8V
P3130E
FATYW
TO-263-5L
800Units/Tape&Reel
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com