Electronic Components Datasheet Search
  English  ▼

X  

2SK360 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK360
Description  Silicon N-Channel MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK360 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK360 Datasheet HTML 1Page - Renesas Technology Corp 2SK360 Datasheet HTML 2Page - Renesas Technology Corp 2SK360 Datasheet HTML 3Page - Renesas Technology Corp 2SK360 Datasheet HTML 4Page - Renesas Technology Corp 2SK360 Datasheet HTML 5Page - Renesas Technology Corp 2SK360 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK360
Rev.2.00, Aug 10.2005, page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSX*
1
20
V
Gate to source voltage
VGSS
±5
V
Drain current
ID
30
mA
Gate current
IG
±1
mA
Channel power dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. VGS = –4 V
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSX
20
—
—
V
ID = 100
µ A, VGS = –4 V
Gate cutoff current
IGSS
—
—
±20
nA
VGS = ±5 V, VDS = 0
Drain current
IDSS *
1
6
—
12
mA
VDS = 10 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
0
—
–2.0
V
VDS = 10 V, ID = 10
µA
Forward transfer admittance
|yfs|
8
14
—
mS
VDS = 10 V, VGS = 0,
f = 1 kHz
Input capacitance
Ciss
—
2.5
—
pF
Output capacitance
Coss
—
1.6
—
pF
Reverse transfer capacitance
Crss
—
0.03
—
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Power gain
PG
—
30
—
dB
Noise figure
NF
—
2.0
—
dB
VDS = 10 V, VGS = 0,
f = 100 MHz
Note:
1. The 2SK360 is grouped by IDSS as follows.
Grade
E
F
Mark
IGE
IGF
IDSS
6 to 10
8 to 12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com