Electronic Components Datasheet Search
  English  ▼

X  

2SK435 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK435
Description  Silicon N-Channel Junction FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK435 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK435 Datasheet HTML 1Page - Renesas Technology Corp 2SK435 Datasheet HTML 2Page - Renesas Technology Corp 2SK435 Datasheet HTML 3Page - Renesas Technology Corp 2SK435 Datasheet HTML 4Page - Renesas Technology Corp 2SK435 Datasheet HTML 5Page - Renesas Technology Corp 2SK435 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK435
Rev.2.00 Aug 10, 2005 page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDS
22
V
Gate to source voltage
VGSO
–22
V
Drain current
ID
100
mA
Gate current
IG
10
mA
Channel power dissipation
Pch
300
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Gate to source breakdown voltage
V(BR)GSS
–22
—
—
V
IG = –10
µA, VDS = 0
Gate cutoff current
IGSS
—
—
–10
nA
VGS = –15 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
—
—
–2.5
V
VDS = 5 V, ID = 10
µA
Drain current
IDSS*
1
12
—
30
mA
VDS = 5 V, VGS = 0, Pulse test
Forward transfer admittance
|yfs|
20
—
—
mS
VDS = 5 V, ID = 10 mA,
f = 1kHz
Input capacitance
Ciss
—
9.0
11.0
pF
VDS = 5 V, VGS = 0,
f = 1MHz
Reverse transfer capacitance
Crss
—
2.8
4.0
pF
VDS = 5 V, VGS = 0,
f = 1MHz
Noise figure
NF
—
0.5
3.0
dB
VDS = 5 V, ID = 1 mA,
f = 1kHz, Rg = 1k
Ω
Note:
1. The 2SK435 is grouped by IDSS as follows.
Grade
C
D
IDSS
12 to 22
18 to 30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com