Electronic Components Datasheet Search
  English  ▼

X  

HD74LVC244A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC244A
Description  Octal Buffers / Line Drivers with 3-state Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC244A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC244A Datasheet HTML 1Page - Renesas Technology Corp HD74LVC244A Datasheet HTML 2Page - Renesas Technology Corp HD74LVC244A Datasheet HTML 3Page - Renesas Technology Corp HD74LVC244A Datasheet HTML 4Page - Renesas Technology Corp HD74LVC244A Datasheet HTML 5Page - Renesas Technology Corp HD74LVC244A Datasheet HTML 6Page - Renesas Technology Corp HD74LVC244A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LVC244A
Rev.4.00 Jul. 27, 2004 page 4 of 6
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
2.7
——7.5
3.3±0.3
1.5
—
6.5
Propagation delay time
tPLH
tPHL
5.0±0.5
—
—
5.0
ns
A
Y
2.7
——9.0
3.3±0.3
1.5
—
8.0
Output enable time
tZH
tZL
5.0±0.5
—
—
6.5
ns
G
Y
2.7
——8.0
3.3±0.3
1.5
—
7.0
Output disable time
tZH
tLZ
5.0±0.5
—
—
6.0
ns
G
Y
2.7
———
3.3±0.3
—
—
1.0
Between output pins skew
*1
tOSLH
tOSHL
5.0±0.5
—
—
1.0
ns
Input capacitance
CIN
2.7
—
3.0
—
pF
Output capacitance
CO
2.7
—
15.0
—
pF
Note:
1. This parameter is characterized but not tested.
tosLH = | tPLHm - tPLHn|, tosHL = | tPHLm - tPHLn|
Test Circuit
VCC
VCC
1G, 2G
Input
Pulse generator
Z
= 50
out
Ω
Output
500
C =
50 pF
L
450
OPEN
*1
See under table
GND
S1
50
Scope
Ω
Ω
Ω
1A1 to 2A4
1Y1 to 2Y4
Symbol
S1
t
/ t
PLH
PHL
OPEN
GND
6 V
t
/ t
ZH
HZ
t
/ t
ZL
LZ
OPEN
GND
2
×Vcc
Vcc=2.7V,
3.3±0.3V
Vcc=5.0±0.5V
Note:
1.
CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com