Electronic Components Datasheet Search
  English  ▼

X  

HD74LS669 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS669
Description  Synchronous Up / Down 4-bit Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS669 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS669 Datasheet HTML 1Page - Renesas Technology Corp HD74LS669 Datasheet HTML 2Page - Renesas Technology Corp HD74LS669 Datasheet HTML 3Page - Renesas Technology Corp HD74LS669 Datasheet HTML 4Page - Renesas Technology Corp HD74LS669 Datasheet HTML 5Page - Renesas Technology Corp HD74LS669 Datasheet HTML 6Page - Renesas Technology Corp HD74LS669 Datasheet HTML 7Page - Renesas Technology Corp HD74LS669 Datasheet HTML 8Page - Renesas Technology Corp HD74LS669 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LS669
Rev.2.00, Feb.18.2005, page 4 of 8
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock frequency
ƒmax
25
32
—
MHz
tPLH
—
26
40
tPHL
Clock
Ripple
Carry
—
40
60
ns
tPLH
—
18
27
tPHL
Clock
QA to QD
—
18
27
ns
tPLH
—
11
17
tPHL
Enable
T
Ripple
Carry
—
29
45
ns
tPLH
—
22
35
Propagation delay time
tPHL
Up/Down
Ripple
Carry
—
26
40
ns
CL = 15 pF,
RL = 2 k
Ω
Count Sequence
13
14
15
0
Load
Ripple
Carry
Output
Inhibit
Count Down
Count Up
1
2
2
2
1
0
15
14
13
Load
Clock
U/
D
Data
Inputs
P and T
B
A
C
D
QC
QD
QA
QB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com