Electronic Components Datasheet Search
  English  ▼

X  

PAM2306EN1YPCC Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2306EN1YPCC
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN1YPCC Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2306EN1YPCC Datasheet HTML 1Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 2Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
4
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage................................. 0.3V to 6.5V
En1, Fb1, Lx1, En2, Fb2 and LX2 Pin Voltage........
-
-.
(
+ .
)
-
03V to
V
03V
Junction Temperature................................150°C
Storage Temperature Range....... 65°C to 150°C
Soldering Temperature.....................260°C 10sec
IN
,
Recommended Operating Conditions
Supply Voltage...............................2.5V to 5.5V
°C
°C
Junction Temperature Range.........-40°C
°C
Ambient Temperature Range......... 40
to 85
to 125
-
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to ambient)
θJA
WDFN 3x3-12
60
°C/W
Thermal Resistance (Junction to case)
θJC
WDFN 3x3-12
8.5
°C/W
Power Dissipation
PD
WDFN 3x3-12
1.66
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com