Electronic Components Datasheet Search
  English  ▼

X  

STS1NC60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS1NC60
Description  N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH™ II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1NC60 Datasheet(HTML) 1 Page - STMicroelectronics

  STS1NC60 Datasheet HTML 1Page - STMicroelectronics STS1NC60 Datasheet HTML 2Page - STMicroelectronics STS1NC60 Datasheet HTML 3Page - STMicroelectronics STS1NC60 Datasheet HTML 4Page - STMicroelectronics STS1NC60 Datasheet HTML 5Page - STMicroelectronics STS1NC60 Datasheet HTML 6Page - STMicroelectronics STS1NC60 Datasheet HTML 7Page - STMicroelectronics STS1NC60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
STS1NC60
N-CHANNEL 600V - 12
Ω - 0.3A - SO-8
PowerMESH™II MOSFET
(1)ISD ≤0.3A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
s
TYPICAL RDS(on) = 12Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
AC ADAPTORS AND BATTERY CHARGERS
s
SWITH MODE POWER SUPPLIES (SMPS)
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
.
TYPE
VDSS
RDS(on)
ID
STS1NC60
600 V
< 15
Ω
0.3 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
0.3
A
ID
Drain Current (continuos) at TC = 100°C
0.18
A
IDM (q)
Drain Current (pulsed)
1.2
A
PTOT
Total Dissipation at TC = 25°C
2.5
W
Derating Factor
0.02
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
–60 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
SO-8
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS1NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1NK60Z STMICROELECTRONICS-STS1NK60Z Datasheet
314Kb / 8P
N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH??Power MOSFET
Jun-2003
More results

Similar Description - STS1NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC30 STMICROELECTRONICS-IRFBC30 Datasheet
85Kb / 8P
N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
Jan-2000
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH™ I MOSFET
Feb-2001
STN1NC60 STMICROELECTRONICS-STN1NC60 Datasheet
255Kb / 8P
N-CHANNEL 600V - 12ohm - 0.3A - SOT-223 PowerMesh™ I MOSFET
Feb-2001
STQ1NC60R STMICROELECTRONICS-STQ1NC60R Datasheet
426Kb / 9P
N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH™ I Power MOSFET
Jul-2003
STS1HNC60 STMICROELECTRONICS-STS1HNC60 Datasheet
137Kb / 6P
N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh™ II MOSFET
Jul-2001
STS3DNF30L STMICROELECTRONICS-STS3DNF30L Datasheet
70Kb / 5P
N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
Dec-1998
STU11NB60 STMICROELECTRONICS-STU11NB60 Datasheet
46Kb / 5P
N-CHANNEL 600V - 0.5ohm - 11A - Max220 PowerMESH MOSFET
Jan-1999
STS1HNK60 STMICROELECTRONICS-STS1HNK60 Datasheet
303Kb / 8P
N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
Aug-2003
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
logo
ON Semiconductor
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com