Electronic Components Datasheet Search
  English  ▼

X  

STS3C3F30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS3C3F30L
Description  N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3C3F30L Datasheet(HTML) 1 Page - STMicroelectronics

  STS3C3F30L Datasheet HTML 1Page - STMicroelectronics STS3C3F30L Datasheet HTML 2Page - STMicroelectronics STS3C3F30L Datasheet HTML 3Page - STMicroelectronics STS3C3F30L Datasheet HTML 4Page - STMicroelectronics STS3C3F30L Datasheet HTML 5Page - STMicroelectronics STS3C3F30L Datasheet HTML 6Page - STMicroelectronics STS3C3F30L Datasheet HTML 7Page - STMicroelectronics STS3C3F30L Datasheet HTML 8Page - STMicroelectronics STS3C3F30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-CHANNEL 30V - 0.050
Ω - 3.5A SO-8
P-CHANNEL 30V - 0.140
Ω - 3A SO-8
STripFET™ II POWER MOSFET
1/10
February 2002
.
STS3C3F30L
s
TYPICAL RDS(on) (N-Channel) = 50 mΩ
s
TYPICAL RDS(on) (P-Channel) = 140 mΩ
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This application specific Power MOSFET is the second
generation of STMicroelectronis unique "Single Feature
Size™" strip-based process. The resulting transistor
shows extremely high packing density for low on-resis-
tance, rugged avalanche characteristics and less critical
alignment steps therefore a remarkable manufacturing re-
producibility.
APPLICATIONS
s
DC/DC CONVERTERS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN CELLULAR
PHONES
TYPE
VDSS
RDS(on)
ID
STS3C3F30L(N-Channel)
STS3C3F30L(P-Channel)
30 V
30 V
< 65 m
Ω
< 165 m
Ω
3.5 A
3 A
SO-8
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Note: P-CHANNEL MOSFET actual polarity of voltages and current
has to be reversed
Symbol
Parameter
N-CHANNEL
P-CHANNEL
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuos) at TC = 25°C
Single Operating
3.5
2.7
A
ID
Drain Current (continuos) at TC = 100°C
Single Operating
2.2
1.7
A
IDM(•)
Drain Current (pulsed)
14
11
A
Ptot
Total Dissipation at TC = 25°C Dual Operating
Total Dissipation at TC = 25°C Single Operating
1.6
2
W
W
Tstg
Storage Temperature
-60 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS3C3F30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3C2F100 STMICROELECTRONICS-STS3C2F100 Datasheet
362Kb / 11P
COMPLEMENTARY PAIR STripFETTM POWER MOSFET
Jun-2004
More results

Similar Description - STS3C3F30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Aug-2001
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET™ POWER MOSFET
May-2003
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
Dec-2002
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Nov-2001
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
30-Jan-2007
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
09-Nov-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com