Electronic Components Datasheet Search
  English  ▼

X  

2SC2853 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC2853
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2853 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC2853 Datasheet HTML 1Page - Renesas Technology Corp 2SC2853 Datasheet HTML 2Page - Renesas Technology Corp 2SC2853 Datasheet HTML 3Page - Renesas Technology Corp 2SC2853 Datasheet HTML 4Page - Renesas Technology Corp 2SC2853 Datasheet HTML 5Page - Renesas Technology Corp 2SC2853 Datasheet HTML 6Page - Renesas Technology Corp 2SC2853 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC2853
Rev.2.00 Aug 10, 2005 page 5 of 6
30
100
310
1
Collector to Base Voltage VCB (V)
100
30
10
3
1
Collector Output Capacitance vs.
Collector to Base Voltage
IE = 0
f = 1 MHz
310
0.3
1.0
0.1
Collector Current IC (mA)
10
3
1.0
0.3
0.1
Noise Voltage Referred to Input vs.
Collector Current
VCE = 6 V
Rg = 0
f = 1 kHz
100
1 k
10 k
100 k
10
Signal Source Resistance Rg (Ω)
1,000
100
10
1.0
0.1
Noise Voltage Referred to Input vs.
Signal Source Resistance
VCE = 6 V
f = 1 kHz
I C
=
10
mA 1.0
0.1
30
100
310
1
Collector to Emitter Voltage VCE (V)
1.0
0.9
0.8
0.7
0.6
0.5
Noise Voltage Referred to Input vs.
Collector to Emitter Voltage
IC = 1 mA
Rg = 0
f = 1 kHz
10 k
100 k
100
1 k
10
Frequency f (Hz)
2.0
1.6
1.2
0.8
0.4
0
Noise Voltage Referred to Input vs.
Frequency
VCE = 6 V
Rg = 0
IC = 1 mA
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com