Electronic Components Datasheet Search
  English  ▼

X  

M30262F3GP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M30262F3GP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30262F3GP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M30262F3GP Datasheet HTML 3Page - Renesas Technology Corp M30262F3GP Datasheet HTML 4Page - Renesas Technology Corp M30262F3GP Datasheet HTML 5Page - Renesas Technology Corp M30262F3GP Datasheet HTML 6Page - Renesas Technology Corp M30262F3GP Datasheet HTML 7Page - Renesas Technology Corp M30262F3GP Datasheet HTML 8Page - Renesas Technology Corp M30262F3GP Datasheet HTML 9Page - Renesas Technology Corp M30262F3GP Datasheet HTML 10Page - Renesas Technology Corp M30262F3GP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
M16C/26 Group
1. Overview
Rev.1.00
2004.6.10
page 7 of 37
REJ09B0176-0100Z
1.6 Pin Description
Table 1.4 and 1.5 describe the available pins.
Table 1.4. Pin Description(1)
Pin name Signal name
I/O type
Function
VCC,VSS
Power supply
Apply 2.7V to 5.5V to the VCC pin, and 0V to the Vss pin.
input
CNVSS
CNVSS
Input
Connect this pin to Vss.
IVCC
IVCC
Leave this pin open.
____________
RESET
Reset input
Input
"L" on this input resets the microcomputer.
XIN
Clock input
Input
These pins are provided for the main clock generating circuit input/output.
XOUT
Clock output
Output
Connect a ceramic resonator or crystal between the XIN and the XOUT pins.
To use an externally derived clock, input it to the XIN pin and leave the XOUT
pin open.
AVCC
Analog power
This pin is a power supply input for the A/D converter. Connect this
supply input
pin to VCC.
AVSS
Analog power
This pin is a power supply input for the A/D converter. Connect this
supply input
pin to VSS.
VREF
Reference
Input
This pin is a reference voltage input for the A/D converter.
Voltage input
P15~P17 I/O port P1
Input/
This is an 3-bit CMOS I/O port. It has an input/output port direction
output
register that allows the user to set each pin for input or output individually.
When used for input, a pull-up resister option can be selected for the
entire group of three pins. Additional software selectable secondary
______
functions are: 1) P15 to P17 can be configured as external INT interrupt
pins, and; 2) P15 can input a trigger for the A/D converter.
P60~P67 I/O port P6
Input/
This is an 8-bit CMOS I/O port. It has an input/output port direction
output
register that allows the user to set each pin for input or output individually.
When used for input, a pull-up resister option can be selected for the
entire group of four pins. Pins in this port also function as UART0 and
UART1 I/O.
P70~P77 I/O port P7
Input/
This is an 8-bit I/O port equivalent to P6. (P70 and P71 are N channel
output
open-drain output) P7 can also function as I/O for timer A0 to A3, as
selected by software. Additional programming options are: P70 to P73 can
assume UART2 I/O capabilities, and P72 to P75 can function as output
pins for the three-phase motor control timer.
P80~P83, I/O port P8
Input/
P80 to P83 and P85 to P87 are an 7-bit I/O port equivalent to P6.When
P85~P87
output
used for input, a pull-up resister option can be selected for the entire
group of four pins or three pins. Additional software-selectable secondary
functions are: 1) P80 and P81 can act as either I/O for Timer A4, or as
output pins for the three-phase motor control timer; 2) P82 to P83 can be
______
_______ _____
configured as external INT interrupt pins; 3) P85 can be used as NMI/SD.
P85 can not be used as I/O port while the three-phase motor control is
enabled. Apply a stable "H" to P85 after setting the direction register for
P85 to "0" when the three-phase motor control is enabled, and; 4) P86 and
P87 can serve as I/O pins for the sub-clock generation circuit. In this latter
case, a quartzoscillator must be connented between P86 (XCOUT pin) and
P87 (XCIN pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com