Electronic Components Datasheet Search
  English  ▼

X  

32C80 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # 32C80
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C80 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button 32C80 Datasheet HTML 52Page - Renesas Technology Corp 32C80 Datasheet HTML 53Page - Renesas Technology Corp 32C80 Datasheet HTML 54Page - Renesas Technology Corp 32C80 Datasheet HTML 55Page - Renesas Technology Corp 32C80 Datasheet HTML 56Page - Renesas Technology Corp 32C80 Datasheet HTML 57Page - Renesas Technology Corp 32C80 Datasheet HTML 58Page - Renesas Technology Corp 32C80 Datasheet HTML 59Page - Renesas Technology Corp 32C80 Datasheet HTML 60Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
M32C/80 Group Datasheet
A-2
Electrical Characteristics
30-
• This capter added
All pages
Package code chnaged: 100P6Q-A to PLQP0100KB-A and 100P6S-A to PRQP0100JB-A
Overview
1
• Note that the M32C/80 Group is ROMless device added
2
• Table 1.1 M32C/80 Group Performance Item "HDLC Data Processing" changed
to "Intelligent I/O Communication Function"; item "Flash Memory" deleted
3
• Figure 1.1 M32C/80 Group Block Diagram Notes 1 and 2 added
9
• Table 1.4 Pin Description Supply voltage for analog power supply input modi-
______
fied "-" to "VCC1"; description for CNVSS changed; supply voltage for INT inter-
rupt input modified; note for I/O ports added
Memory
15
• Figure 3.1 Memory Map Disgram changed; note added
Special Function Registers (SFRs)
16
• Note 2 deleted
17
• Values after RESET in the RMAD6 and RMAD7 registers modified
19
• Value after RESET in the RLVL register modified
20
• Value after RESET in the G0RB register modified
21
• Values after RESET in the G0EMR, G0ERC, and G0IRF registers modified
26
• Value after RESET in the TCSPR register modified; note 1 added
27, 28
• Register names, symbols, and value after RESET of addresses 039216 and
03AC16 deleted
28
• Value after RESET in the PSC register modified
Electrical Characteristics
30-
• Ports P11 to P15 deleted
32
• Table 5.2 Recpmmended Operating Conditions f(BCLK) standard added
33
• Table 5.3 Electrical Characteristics Max. standard for ICC modified
34
• Table 5.4 A/D Conversion Characteristics AN00 to AN07 deleted from "INL" row
35
• Table 5.7 Memory Expansion Mode and Microprocessor Mode Expressions
on note 1 corrected
41
• Figure 5.2 VCC1=VCC2=5V Timing Diagram (1) Expression for tcyc added; note 3
corrected
42
• Figure 5.3 VCC1=VCC2=5V Timing Diagram (2) Expression for tcyc added; notes
1 and 2 corrected
46
• Table 5.22 A/D Conversion Characteristics Min. standard for VREF modified
47
• Table 5.25 Memory Expansion Mode and Microprocessor Mode Expres-
sions on note 1 corrected
52
• Figure 5.6 VCC1=VCC2=3.3V Timing Diagram (1) Expression for tcyc added; note
3 corrected
1.10
Nov., 05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com