Electronic Components Datasheet Search
  English  ▼

X  

32C88T Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 32C88T
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C88T Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 32C88T Datasheet HTML 24Page - Renesas Technology Corp 32C88T Datasheet HTML 25Page - Renesas Technology Corp 32C88T Datasheet HTML 26Page - Renesas Technology Corp 32C88T Datasheet HTML 27Page - Renesas Technology Corp 32C88T Datasheet HTML 28Page - Renesas Technology Corp 32C88T Datasheet HTML 29Page - Renesas Technology Corp 32C88T Datasheet HTML 30Page - Renesas Technology Corp 32C88T Datasheet HTML 31Page - Renesas Technology Corp 32C88T Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
Page 28
4. Special Function Registers (SFRs)
5
3
4
f
o
5
0
0
2
,
8
1
.
t
c
O
0
1
.
1
.
v
e
R
0
1
1
0
-
2
6
1
0
B
9
0
J
E
R
)
T
8
8
/
C
2
3
M
(
p
u
o
r
G
8
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
017016
CAN2 Slot Buffer Select Register
C2SBS
0016(1)
017116
CAN2 Control Register 1
C2CTLR1
X000 00XX2(1)
017216
CAN2 Sleep Control Register
C2SLPR
XXXX XXX02
017316
017416
0016(1)
CAN2 Acceptance Filter Support Register
C2AFS
017516
0116(1)
017616
017716
017816
Input Function Select Register
IPS
0016
017916
Input Function Select Register A
IPSA
0016
017A16
017B16
017C16
017D16
017E16
017F16
018016
CAN2 Message Slot Buffer 0 Standard ID0
C2SLOT0_0
XX16
018116
CAN2 Message Slot Buffer 0 Standard ID1
C2SLOT0_1
XX16
018216
CAN2 Message Slot Buffer 0 Extended ID0
C2SLOT0_2
XX16
018316
CAN2 Message Slot Buffer 0 Extended ID1
C2SLOT0_3
XX16
018416
CAN2 Message Slot Buffer 0 Extended ID2
C2SLOT0_4
XX16
018516
CAN2 Message Slot Buffer 0 Data Length Code
C2SLOT0_5
XX16
018616
CAN2 Message Slot Buffer 0 Data 0
C2SLOT0_6
XX16
018716
CAN2 Message Slot Buffer 0 Data 1
C2SLOT0_7
XX16
018816
CAN2 Message Slot Buffer 0 Data 2
C2SLOT0_8
XX16
018916
CAN2 Message Slot Buffer 0 Data 3
C2SLOT0_9
XX16
018A16
CAN2 Message Slot Buffer 0 Data 4
C2SLOT0_10
XX16
018B16
CAN2 Message Slot Buffer 0 Data 5
C2SLOT0_11
XX16
018C16
CAN2 Message Slot Buffer 0 Data 6
C2SLOT0_12
XX16
018D16
CAN2 Message Slot Buffer 0 Data 7
C2SLOT0_13
XX16
018E16
CAN2 Message Slot Buffer 0 Time Stamp High-Order
C2SLOT0_14
XX16
018F16
CAN2 Message Slot Buffer 0 Time Stamp Low-Order
C2SLOT0_15
XX16
019016
CAN2 Message Slot Buffer 1 Standard ID0
C2SLOT1_0
XX16
019116
CAN2 Message Slot Buffer 1 Standard ID1
C2SLOT1_1
XX16
019216
CAN2 Message Slot Buffer 1 Extended ID0
C2SLOT1_2
XX16
019316
CAN2 Message Slot Buffer 1 Extended ID1
C2SLOT1_3
XX16
019416
CAN2 Message Slot Buffer 1 Extended ID2
C2SLOT1_4
XX16
019516
CAN2 Message Slot Buffer 1 Data Length Code
C2SLOT1_5
XX16
019616
CAN2 Message Slot Buffer 1 Data 0
C2SLOT1_6
XX16
019716
CAN2 Message Slot Buffer 1 Data 1
C2SLOT1_7
XX16
019816
CAN2 Message Slot Buffer 1 Data 2
C2SLOT1_8
XX16
019916
CAN2 Message Slot Buffer 1 Data 3
C2SLOT1_9
XX16
019A16
CAN2 Message Slot Buffer 1 Data 4
C2SLOT1_10
XX16
019B16
CAN2 Message Slot Buffer 1 Data 5
C2SLOT1_11
XX16
019C16
CAN2 Message Slot Buffer 1 Data 6
C2SLOT1_12
XX16
019D16
CAN2 Message Slot Buffer 1 Data 7
C2SLOT1_13
XX16
019E16
CAN2 Message Slot Buffer 1 Time Stamp High-Order
C2SLOT1_14
XX16
019F16
CAN2 Message Slot Buffer 1 Time Stamp Low-Order
C2SLOT1_15
XX16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTE:
1. Values are obtained by setting the SLEEP bit in the C2SLPR register to "1" (sleep mode exited) after reset and
supplying a clock to the CAN module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com